Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2410FA2-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # 2410FA2-R
Description  High current fast-acting SMT Brick fuse
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

2410FA2-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  2410FA2-R Datasheet HTML 1Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 2Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 3Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 4Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 5Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 6Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Technical Data ELX1196
Effective May 2022
2410FA
High current fast-acting SMT Brick fuse
www.eaton.com/electronics
Electrical characteristics
Amp rating
% of Amp
rating
Opening time
500 mA to 15 A
100
4 hours minimum
500 mA to 15 A
200
5 seconds maximum
Product specifications
Current rating
Voltage rating
Interrupting rating1
at rated voltage (A)
Typical DC cold
resistance2
Typical voltage drop
Part number
(A)
(Vac)
(Vdc)
(Vac)
(Vdc)
(mΩ)
(mV)
Part marking
2410FA500-R
0.5
125
125
50
50
281
185
.500
2410FA800-R
0.8
125
125
50
50
137
150
.800
2410FA1-R
1
125
125
50
50
105
140
.1
2410FA1-5-R
1.5
125
125
50
50
62
125
.1.5
2410FA2-R
2
125
125
50
50
27
96
.2
2410FA2-5-R
2.5
125
125
50
50
18.2
60
.2.5
2410FA3-R
3
125
125
50
50
17.8
86
.3
2410FA4-R
4
125
125
50
50
12.9
85
.4
2410FA5-R
5
125
125
50
50
10.2
81
.5
2410FA6-3-R
6.3
125
125
50
50
7.7
80
.6.3
2410FA7-R
7
125
125
50
50
7.2
80
.7
2410FA8-R
8
125
125
50
50
6.3
78
.8
2410FA10-R
10
125
125
50
50
5.1
77
.10
2410FA12-R
12
125
125
50
50
3.95
76
.12
2410FA15-R
15
125
125
50
50
3.15
75
.15
1. AC Interrupting Rating (measured at designated voltage, 100% power factor); DC Interrupting Rating (measured at designated voltage, time constant of less than 50 microseconds, battery source)
2. DC Cold Resistance measured at <10% of rated current in the ambient temperature of +25 °C
Dimensions- mm
Drawing not to scale
Recommended pad layout
Minimum copper
Ratings
A
B
C
layer thickness
7 A and below
4.0
3.0
2.6
35 µm
8 A to 10 A
4.0
3.0
2.6
70 µm
12 A to 15 A
4.0
3.76
2.6
70 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com