Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2410FA2-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # 2410FA2-R
Description  High current fast-acting SMT Brick fuse
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

2410FA2-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  2410FA2-R Datasheet HTML 1Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 2Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 3Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 4Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 5Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 6Page - Eaton All Rights Reserved. 2410FA2-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data ELX1196
Effective May 2022
2410FA
High current fast-acting SMT Brick fuse
Product features
•
2410 (6125 metric) surface mount package
•
Fast acting
•
Designed to UL248
•
Current rating: 500 mA to 15 A
•
Moisture sensitivity level: (MSL): 1
Applications
•
Power supplies
•
Servers
•
LED lighting drivers
•
Appliances and white goods
•
LCD monitor/backlight inverters
•
Vac chip-on-board (COB) lighting
•
Industrial electronics and computing
Agency information
cURus Recognition file number: E19180
Environmental compliance
HALOGEN
HF
FREE
TR1- 2410FA 2-5 -R
Packaging code
Family code
Ampere rating
RoHS compliant
Ordering part number
Pb
Packaging prefix
TR1-(1000 parts on a 7” diameter tape
and reel)


Similar Part No. - 2410FA2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2410 ETC2-2410 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Bourns Electronic Solut...
2410 BOURNS-2410 Datasheet
158Kb / 2P
5-Pin Multi-Stage Protector (MSP)
logo
TEKTRONIX, INC.
2410 TEKTRONIX-2410 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
logo
Heyco.
2410 HEYCO-2410 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2410 ASSUN-2410 Datasheet
253Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 2410FA2-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
2AG Fast-Acting Fuse
logo
Cooper Bussmann, Inc.
CB61F2A COOPER-CB61F2A Datasheet
387Kb / 3P
Fast-Acting SMD Brick??Fuses
logo
Bel Fuse Inc.
C1H BEL-C1H Datasheet
2Mb / 4P
High Current Rated Fast-Acting Chip Fuse
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
FAST ACTING FUSE SERIES
0ACH-9600-XX BEL-0ACH-9600-XX Datasheet
586Kb / 3P
Type 0ACH Fast Acting High Current Brick Fuse
0685H9100-XX BEL-0685H9100-XX Datasheet
742Kb / 4P
High Current Rated Fast Acting Chip Fuse
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
logo
Eaton All Rights Reserv...
2410TD EATON-2410TD Datasheet
1Mb / 6P
High current time-delay SMT Brick fuse
May 2022
2822HC EATON-2822HC Datasheet
1Mb / 6P
High current surface mount Brick fuse
February 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com