Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB1308-R26M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SPB1308-R26M
Description  Power Bead Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SPB1308-R26M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SPB1308-R26M Datasheet HTML 1Page - Bourns Electronic Solutions SPB1308-R26M Datasheet HTML 2Page - Bourns Electronic Solutions SPB1308-R26M Datasheet HTML 3Page - Bourns Electronic Solutions SPB1308-R26M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPB1308 Series – Power Bead Inductors
Features
n
Shielded construction for low radiation
n
High rated current
n
Low DCR
n
RoHS compliant* and halogen free**
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 100 kHz / 0.1 V
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Max.
Isat
(A)
Typ.
L (nH)
Tol. %
SPB1308-R21M
210.0
20
0.18
0.35
50
71
SPB1308-R26M
260.0
20
0.18
0.35
50
60
SPB1308-R32M
320.0
20
0.18
0.35
50
50
SPB1308-R44M
440.0
20
0.18
0.35
50
35
Soldering Profile
250
200
150
100
50
0
200
0
100
50
150
Time (Seconds)
250
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Peak Temperature: 245 °C max.
Max. Peak Temperature -5 °C : 30 sec. max.
Max. Time Above 217 °C : 60~150 sec. max.
60~120 Sec.
60 Sec.
Max.
60~150 Sec.
217 °C
Peak Temperature: 245 °C
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last
page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Recommended Layout
3.20
(.126)
REF.
3.20
(.126)
REF.
7.62
(.300)
REF.
7.11
(.280)
REF.
DIMENSIONS:
MM
INCHES
How to Order
SPB1308 - R21M
Model
Value Code (see table)
Electrical Schematic
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Specifications
Operating Temperature
.................................. -40 °C to +125 °C
(Temperature rise included)
Storage Temperature
(Component Mounted)
.................................. -40 °C to +125 °C
Temperature Rise .... 40 °C at rated Irms1
Rated Current
............. Inductance drops 20 % at Isat
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
1 Circuit design, component, PCB trace size and
thickness, airflow and other cooling provisions
all affect the part temperature. Part temperature
should be verified in the end application.
Materials
Core..............................................Ferrite
Flat Wire .....................................Copper
Terminal Finish ..............................Ni/Sn
Packaging....... 350 pcs. per 13-inch reel
Product Dimensions
R21
TOP VIEW
SIDE VIEW
BOTTOM VIEW
2.50 ± 0.2
(.098 ± .008)
5.00 ± 0.3
(.197 ± .012)
13.50
(.531)
MAX.
13.00
(.512)
MAX.
8.00
(.315)
MAX.
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SPB1308-R26M

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SPB1 HAMMOND-SPB1 Datasheet
211Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
SPB1 HAMMOND-SPB1 Datasheet
52Kb / 1P
Ensemble de panneau pivotant
logo
Microsemi Corporation
SPB10015 MICROSEMI-SPB10015 Datasheet
128Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10035 MICROSEMI-SPB10035 Datasheet
131Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10040 MICROSEMI-SPB10040 Datasheet
131Kb / 2P
2 X 100A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SPB1308-R26M

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-15201 RHOMBUS-IND-L-15201 Datasheet
50Kb / 1P
Bead Inductors
L-15202 RHOMBUS-IND-L-15202 Datasheet
19Kb / 1P
Bead Inductors
7/30/99
logo
Taiyo Yuden (U.S.A.), I...
FBMH1608HL221-TV TAIYO-YUDEN-FBMH1608HL221-TV Datasheet
143Kb / 1P
Chip Bead Power Inductors for Automotive
FBMH1608HL600-TV TAIYO-YUDEN-FBMH1608HL600-TV Datasheet
143Kb / 1P
Chip Bead Power Inductors for Automotive
FBMH1608HM600-TV TAIYO-YUDEN-FBMH1608HM600-TV Datasheet
143Kb / 1P
Chip Bead Power Inductors for Automotive
FBMJ2125HM210NTV TAIYO-YUDEN-FBMJ2125HM210NTV Datasheet
143Kb / 1P
Chip Bead Power Inductors for Automotive
logo
Bourns Electronic Solut...
SPB0705 BOURNS-SPB0705 Datasheet
759Kb / 4P
Power Bead Inductors
Mar 31, 2015
SPB1005 BOURNS-SPB1005 Datasheet
759Kb / 4P
Power Bead Inductors
Mar 31, 2015
SPB1007 BOURNS-SPB1007 Datasheet
761Kb / 4P
Power Bead Inductors
Mar 31, 2015
SPB1012 BOURNS-SPB1012 Datasheet
714Kb / 4P
Power Bead Inductors
Mar 31, 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com