Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRR1050HA-R68Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR1050HA-R68Y
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1050HA-R68Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR1050HA-R68Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR1050HA-R68Y Datasheet HTML 2Page - Bourns Electronic Solutions SRR1050HA-R68Y Datasheet HTML 3Page - Bourns Electronic Solutions SRR1050HA-R68Y Datasheet HTML 4Page - Bourns Electronic Solutions SRR1050HA-R68Y Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SRR1050HA Series - Shielded Power Inductors
Features
n
Shielded construction for low radiation
n
U-clip terminal for enhanced mounting strength
n
Wide operating temperature range
n
AEC-Q200 compliant
n
RoHS compliant* and halogen free**
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 100 kHz / 0.1 V
SRF
(MHz)
Typ.
DCR (mW)
Irms
(A)
Typ.
Isat
(A)
Typ.
L (mH)
Tol. %
Typ.
Max.
SRR1050HA-R68Y
0.68
30
110.0
4.5
5.5
9.50
13.5
SRR1050HA-1R2Y
1.2
30
85.0
5.8
7.0
8.30
10.5
SRR1050HA-2R2Y
2.2
30
53.0
7.1
9.0
7.20
8.20
SRR1050HA-3R3Y
3.3
30
40.0
8.6
11.0
6.50
7.80
SRR1050HA-4R2Y
4.2
30
29.0
10.4
14.0
6.10
6.40
SRR1050HA-6R8Y
6.8
30
27.0
15.1
19.0
5.40
5.40
SRR1050HA-8R2Y
8.2
30
21.0
18.1
22.0
5.00
4.85
SRR1050HA-100Y
10.0
30
16.5
23.0
31.0
4.50
4.45
SRR1050HA-120Y
12.0
30
15.0
26.0
35.0
3.80
4.00
SRR1050HA-150Y
15.0
30
14.0
35.0
47.0
3.40
3.60
SRR1050HA-180Y
18.0
30
11.0
38.0
51.0
3.10
3.20
SRR1050HA-220Y
22.0
30
10.5
46.0
62.0
2.90
2.95
SRR1050HA-270Y
27.0
30
10.0
57.0
77.0
2.60
2.70
SRR1050HA-330Y
33.0
30
9.0
69.0
93.0
2.50
2.40
SRR1050HA-390Y
39.0
30
6.8
79.0
106.0
2.25
2.30
SRR1050HA-470Y
47.0
30
5.9
94.0
127.0
2.00
2.00
SRR1050HA-560Y
56.0
30
5.5
124.0
160.0
1.90
1.90
SRR1050HA-680Y
68.0
30
5.0
138.0
208.0
1.60
1.65
SRR1050HA-820Y
82.0
30
4.5
150.0
230.0
1.45
1.50
SRR1050HA-101Y
100.0
30
4.2
179.0
255.0
1.35
1.35
SRR1050HA-121Y
120.0
30
3.8
213.0
305.0
1.18
1.28
SRR1050HA-151Y
150.0
30
3.6
253.0
370.0
1.10
1.12
SRR1050HA-181Y
180.0
30
3.4
307.0
420.0
1.00
1.04
SRR1050HA-221Y
220.0
30
3.0
373.0
500.0
0.94
0.94
SRR1050HA-271Y
270.0
30
2.4
491.0
675.0
0.80
0.84
SRR1050HA-331Y
330.0
30
2.0
613.0
815.0
0.73
0.75
SRR1050HA-471Y
470.0
30
1.8
990.0
1200.0
0.60
0.70
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Specifications
Operating Temperature
.................................. -55 °C to +150 °C
(Temperature rise included)
Storage Temperature (Component)
...................................... -55 °C to +150 °C
Temperature Rise ... 40 °C at rated Irms1
Rated Current
............. Inductance drops 35 % at Isat
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
1 Circuit design, component, PCB trace size and
thickness, airflow and other cooling provisions
all affect the part temperature. Part temperature
should be verified in the end application.
Materials
Core.............................................. Ferrite
Wire .............................Enameled copper
Terminal Finish ...............................Ni/Sn
Packaging........ 700 pcs. per 13-inch reel
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl)
content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last
page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Electrical Schematic
How to Order
SRR1050HA - 100Y
Model
Value Code (see table)


Similar Part No. - SRR1050HA-R68Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1050A BOURNS-SRR1050A Datasheet
300Kb / 3P
Shielded Power Inductors
SRR1050A-100Y BOURNS-SRR1050A-100Y Datasheet
300Kb / 3P
Shielded Power Inductors
SRR1050A-101Y BOURNS-SRR1050A-101Y Datasheet
300Kb / 3P
Shielded Power Inductors
SRR1050A-120Y BOURNS-SRR1050A-120Y Datasheet
300Kb / 3P
Shielded Power Inductors
SRR1050A-121Y BOURNS-SRR1050A-121Y Datasheet
300Kb / 3P
Shielded Power Inductors
More results

Similar Description - SRR1050HA-R68Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com