Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRR1050HA-R68Y Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRR1050HA-R68Y
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1050HA-R68Y Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRR1050HA-R68Y Datasheet HTML 1Page - Bourns Electronic Solutions SRR1050HA-R68Y Datasheet HTML 2Page - Bourns Electronic Solutions SRR1050HA-R68Y Datasheet HTML 3Page - Bourns Electronic Solutions SRR1050HA-R68Y Datasheet HTML 4Page - Bourns Electronic Solutions SRR1050HA-R68Y Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRR1050HA Series - Shielded Power Inductors
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications.
The products described herein and this document are
subject to specific legal disclaimers as set forth on the
last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
Inductance vs. IDC
Temperature vs. IDC
SRR1050HA-2R2Y
SRR1050HA-100Y
SRR1050HA-270Y
SRR1050HA-221Y
120
100
80
60
40
20
0
120
100
80
60
40
20
0
120
100
80
60
40
20
0
100.0
80.0
60.0
40.0
20.0
0
100.0
80.0
60.0
40.0
20.0
0
60.0
50.0
40.0
30.0
20.0
10.0
0
80.0
60.0
40.0
20.0
0
0
0
0
0.9
1.8
2.7
3.6
4.5
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1.0
2.0
3.0
4.0
5.0
6.0
0
4.0
6.0
8.0
10.0 12.0 14.0
2.0
120
100
80
60
40
20
0
IDC (A)
IDC (A)
IDC (A)
0
0.3
0.6
0.9
1.2
1.5
IDC (A)
0
0.3
0.6
0.9
1.2
1.5
IDC (A)
0
0.9
1.8
2.7
3.6
4.5
IDC (A)
IDC (A)
4.0
6.0
8.0
10.0 12.0 14.0
2.0
IDC (A)
L @ 25 °C
L @ 25 °C
L @ 25 °C
L @ 25 °C
L @ 25 °C
L @ 25 °C
L @ 25 °C
L @ 25 °C
L @ 125 °C
L @ 125 °C
L @ 125 °C
L @ 125 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com