Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-30C0130-R-30D Datasheet(PDF) 7 Page - Bridgelux, Inc.

Part # BXEM-30C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-30C0130-R-30D Datasheet(HTML) 7 Page - Bridgelux, Inc.

Back Button BXEM-30C0130-R-30D Datasheet HTML 3Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 4Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 5Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 6Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 7Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 8Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 9Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 10Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 11Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Performance at Commonly Used Drive Currents
Table 3: Performance at Commonly Used Drive Currents
Part Number
CRI
Drive
Current1
(mA)
Typical V
f
T
sp = 25°C
(V)
Typical Power
T
sp = 25°C
(W)
Typical Pulsed
Flux2
T
sp = 25°C
(lm)
Typical
DC Flux3
T
sp = 85°C
(lm)
Typical
Efficacy
T
sp = 25°C
(lm/W)
BXEM-27C0000-0-000
70
30
5.5
0.2
28
24
171
60
5.7
0.3
55
47
159
100
6.0
0.6
87
74
145
150
6.25
0.9
123
102
131
200
6.5
1.3
156
124
119
240
6.7
1.6
179
138
111
BXEM-27E0000-0-000
80
30
5.5
0.2
27
24
163
60
5.7
0.3
52
46
152
100
6.0
0.6
82
72
138
150
6.25
0.9
117
99
125
200
6.5
1.3
148
121
114
240
6.7
1.6
170
134
106
BXEM-27G0000-0-000
90
30
5.5
0.2
22
20
136
60
5.7
0.3
43
39
127
100
6.0
0.6
69
60
116
150
6.25
0.9
98
83
105
200
6.5
1.3
124
101
95
240
6.7
1.6
142
112
88
BXEM-30C0000-0-000
70
30
5.5
0.2
29
25
175
60
5.7
0.3
56
49
163
100
6.0
0.6
89
76
149
150
6.25
0.9
126
105
134
200
6.5
1.3
159
127
122
240
6.7
1.6
183
141
114
BXEM-30E0000-0-000
80
30
5.5
0.2
28
25
171
60
5.7
0.3
55
49
159
100
6.0
0.6
87
76
145
150
6.25
0.9
123
105
131
200
6.5
1.3
156
127
119
240
6.7
1.6
179
141
111
BXEM-30G0000-0-000
90
30
5.5
0.2
23
21
143
60
5.7
0.3
46
41
134
100
6.0
0.6
73
64
122
150
6.25
0.9
103
88
110
200
6.5
1.3
130
107
100
240
6.7
1.6
150
118
93
SMD 3030 LEDs are tested to the specifications shown using the nominal drive currents in Table 1. SMD 3030 may also
be driven at other drive currents dependent on specific application design requirements. The performance at any drive
current can be derived from the current vs. voltage characteristics shown in Figure 2 and the relative luminous flux vs.
current characteristics shown in Figure 3. The performance at commonly used drive currents is summarized in Table 3.
5
Notes for Table 3:
1. Alternate drive currents in Table 3 are provided for reference only and are not a guarantee of performance.
2. Bridgelux maintains a ± 7.5% tolerance on flux measurements.
3. Typical stabilized DC performance values are provided as reference only and are not a guarantee of performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com