Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-30C0130-R-30D Datasheet(PDF) 11 Page - Bridgelux, Inc.

Part # BXEM-30C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-30C0130-R-30D Datasheet(HTML) 11 Page - Bridgelux, Inc.

Back Button BXEM-30C0130-R-30D Datasheet HTML 7Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 8Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 9Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 10Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 11Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 12Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 13Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 14Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 15Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Electrical Characteristics
Notes for Table 4:
1. The 10 characters (including hyphens ‘-’) refer to nominal flux, nominal forward voltage, and color bins, respectively. “0000-0-000” denotes
the full distribution of flux, forward voltage, and 7 SDCM color.
Example: BXEM-30E0000-0-000 refers to the full distribution of flux, forward voltage, and color within a 3000K 7-step ANSI standard chro-
maticity region with a minimum of 80CRI.
2. Bridgelux maintains a tolerance of ± 0.1V on forward voltage measurements. Voltage minimum and maximum values at the nominal drive
current are guaranteed by 100% test.
3. Products tested under pulsed condition (10ms pulse width) at nominal drive current where T
sp = 25°C.
4. Thermal Resistance values based on 3000K 80CRI product.
5. Thermal resistance value was calculated using total electrical input power; optical power was not subtracted from input power.
Table 4: Electrical Characteristics
9
Part Number 1
Drive Current
(mA)
Forward Voltage
(V) 2,3
Typical
Temperature
Coefficient
of Forward
Voltage
∆V
f/∆T
(mV/ºC)
Typical
Thermal
Resistance
Junction
to Solder Point4,5
R
j-sp (C/W)
Minimum
Typical
Maximum
BXEM-xxx0000-0-000
150
5.8
6.25
6.6
-2.0 to -4.0
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com