Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDCSSRML.14 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # GDCSSRML.14
Description  OSLON® Optimal
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDCSSRML.14 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button GDCSSRML.14 Datasheet HTML 14Page - OSRAM GmbH GDCSSRML.14 Datasheet HTML 15Page - OSRAM GmbH GDCSSRML.14 Datasheet HTML 16Page - OSRAM GmbH GDCSSRML.14 Datasheet HTML 17Page - OSRAM GmbH GDCSSRML.14 Datasheet HTML 18Page - OSRAM GmbH GDCSSRML.14 Datasheet HTML 19Page - OSRAM GmbH GDCSSRML.14 Datasheet HTML 20Page - OSRAM GmbH GDCSSRML.14 Datasheet HTML 21Page - OSRAM GmbH GDCSSRML.14 Datasheet HTML 22Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
GD CSSRML.14
DATASHEET
DATASHEET
20 | Version 1.0 | 2022-07-07
Glossary
1)
Brightness: Brightness values are measured during a current pulse of typically 10 ms, with a tolerance
of +/- 7%.
2)
Reverse Operation: Not designed for reverse operation. Continuous reverse operation can cause mi-
gration and damage of the device.
3)
Wavelength: The wavelength is measured at a current pulse of typically 10 ms, with a tolerance of ±
0.5 nm.
4)
Forward Voltage: The Forward voltage is measured during a current pulse duration of typically 1 ms
with a tolerance of ± 0.05V .
5)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
6)
Characteristic curve: In the range where the line of the graph is broken, you must expect higher differ-
ences between single devices within one packing unit.
7)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
8)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com