Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS170PSTZ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BS170PSTZ
Description  60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BS170PSTZ Datasheet(HTML) 1 Page - Diodes Incorporated

  BS170PSTZ Datasheet HTML 1Page - Diodes Incorporated BS170PSTZ Datasheet HTML 2Page - Diodes Incorporated BS170PSTZ Datasheet HTML 3Page - Diodes Incorporated BS170PSTZ Datasheet HTML 4Page - Diodes Incorporated BS170PSTZ Datasheet HTML 5Page - Diodes Incorporated BS170PSTZ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BS170P
Document Number DS37978 Rev. 1 - 2
1 of 6
www.diodes.com
May 2015
© Diodes Incorporated
BS170P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Features
BVDSS > 60V
RDS(ON) ≤ 5Ω @ VGS= 10V
ID = 270mA Maximum Continuous Drain Current
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: E-Line (TO-92 Compatible)
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Rating 94V-0
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.159 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Package
Leads
Quantity
BS170P
BS170P
E-Line
Straight
4,000 Loose in a Box
BS170PSTZ
BS170P
E-Line
Joggled
2,000 Taped per Ammo Box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
BS170P = Product Type Marking Code
E-Line
(TO-92 Compatible)
Flat Face View
Device Symbol
Pin-Out Configuration
BS1
70P
Rounded Face View
Rounded Face View
Ejection Mark
on Flat Face
Bottom View
G
D
S
G
D
S
G
D
S
Part Mark on
Rounded Face


Similar Part No. - BS170PSTZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS170P ZETEX-BS170P Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - BS170PSTZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZVN4106FTA DIODES-ZVN4106FTA Datasheet
327Kb / 6P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET IN SOT23
Rev 3
BS107P DIODES-BS107P_15 Datasheet
658Kb / 5P
200V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 3
VN10LP DIODES-VN10LP_15 Datasheet
601Kb / 5P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 4
ZVN2106G DIODES-ZVN2106G_15 Datasheet
295Kb / 5P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET
Rev 4
ZVN4106F DIODES-ZVN4106F_15 Datasheet
327Kb / 6P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET IN SOT23
Rev 3
ZVN4306G DIODES-ZVN4306G_15 Datasheet
455Kb / 5P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET
Rev 4
ZVP2106G DIODES-ZVP2106G_15 Datasheet
452Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 5
ZVP2120G DIODES-ZVP2120G_15 Datasheet
379Kb / 6P
SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 4
logo
AiT Semiconductor Inc.
AM3460 AITSEMI-AM3460 Datasheet
270Kb / 4P
60V N-CHANNEL ENHANCEMENT MODE
REV1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com