Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS170PSTZ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BS170PSTZ
Description  60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BS170PSTZ Datasheet(HTML) 2 Page - Diodes Incorporated

  BS170PSTZ Datasheet HTML 1Page - Diodes Incorporated BS170PSTZ Datasheet HTML 2Page - Diodes Incorporated BS170PSTZ Datasheet HTML 3Page - Diodes Incorporated BS170PSTZ Datasheet HTML 4Page - Diodes Incorporated BS170PSTZ Datasheet HTML 5Page - Diodes Incorporated BS170PSTZ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BS170P
Document Number DS37978 Rev. 1 - 2
2 of 6
www.diodes.com
May 2015
© Diodes Incorporated
BS170P
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
270
mA
Pulsed Drain Current
IDM
3
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
625
mW
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
60
V
ID = 100µA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
0.5
µA
VDS = 25V, VGS = 0V
Gate-Body Leakage
IGSS
±10
nA
VGS = 15V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
0.8
3.0
V
ID = 1mA, VDS = VGS
Static Drain-Source On-Resistance (Note 5)
RDS(ON)
5
Ω
VGS = 10V, ID = 200mA
Forward Transconductance (Notes 5 & 7)
gfs
200
mS
VDS = 10V, ID = 200mA
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
60
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Turn-On Delay Time (Note 6)
tD(ON)
10
ns
VDD = 15V, ID = 600mA
Turn-Off Delay Time (Note 6)
tD(OFF)
10
Notes:
5. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperature. Switching times are measured with a 50
Ω source impedance and
<5ns rise time on a pulse generator.
7. For design aid only, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com