Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201210U-R47M Datasheet(PDF) 12 Page - Kinetic Technologies.

Part # DFE201210U-R47M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201210U-R47M Datasheet(HTML) 12 Page - Kinetic Technologies.

Back Button DFE201210U-R47M Datasheet HTML 8Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 9Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 10Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 11Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 12Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 13Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 14Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 15Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 16Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 12 of 25
Kinetic Confidential
After the correct range is selected, the KTB8331 register map contains two voltage setting registers to facilitate
hardware control of DVS using the VSEL pin. The first output voltage setting is I2C programmable using the
VOUT_VSEL0[6:0] bits (B6:0) in the VSEL0 configuration register (0x00). The second output voltage setting is
I2C programmable using the VOUT_VSEL1[6:0] bits (B6:0) in the VSEL1 configuration register (0x01). The output
voltage setting is given by:
������������������������ = ������ × (600������������ + 6.25������������ × ������������������������_������������������������������)
where G = 1.0 when the RANGE bit is 0, and G = 2.4 when the RANGE bit is 1. VOUT_VSELn is the decimal
equivalent of the binary bits of VOUT_VSEL0[6:0] or VOUT_VSEL1[6:0]. The default voltage settings are factory
trimmed, and several versions are available
– see the Ordering Information section.
Dynamic Voltage Scaling (DVS)
Dynamic Voltage Scaling (DVS) is used to slew the output voltage between two voltage settings contained in the
VSEL0 and VSEL1 registers
– see Setting the Output Voltage section. The VSEL pin selects which register is
used. Or, as an alternative method, I2C commands can be used by simply connecting the VSEL pin to ground
and dynamically writing a new setting into the VSEL0 register.
In either method, all DVS output voltage transitions are slew-rate-controlled by an on-chip up/down counter and
DAC. The DVS slew rate is I2C programmable using the SLEW[2:0] bits (B6:4) in the CONTROL configuration
register (0x02). DVS slewing is only possible within a single output voltage range; slewing between a voltage in
the low range and a voltage in the high range is not possible.
Forced-PWM vs. Auto-Skip Modes
The KTB8331 has two ways to control light-load switching behavior
– Forced-PWM mode and Auto-Skip mode.
In Forced-PWM, the switching frequency remains nearly constant. This mode is helpful for applications that are
noise sensitive.
In Auto-Skip mode, the KTB8331 transitions automatically between PWM switching at heavy loads and Skip/PFM
switching at light loads. Auto-Skip mode is helpful for applications that need high efficiency at light loads. While
skipping, single pulses are evenly spaced, resulting in the lowest output ripple and noise when compared to
compe
ting “pulse-grouping” or “burst mode” devices. Furthermore, the PFM frequency during single-pulse
skipping remains above the audio frequency band (20Hz to 20kHz) down to very light loads
– see the Typical
Operating Characteristics section.
The switching mode is I2C programmable using the MODE[1:0] bits (B1:0) in the CONTROL configuration register
(0x02). The MODE[1:0] bits work together with the VSEL pin to independently set the switching mode for the
VOUT_VSEL0[6:0] and VOUT_VSEL1[6:0] output voltage settings. The default mode settings are factory
trimmed, and several versions are available
– see the Ordering Information section.
Active Discharge
When the KTB8331 buck is disabled, an active discharge feature connects an on-chip resistor (RLX_DIS) between
the LX and PGND pins. This resistor discharges the output capacitor through the inductor. By default, this
feature is enabled; however, it can be disabled for applications that require a high impedance at the output during
shutdown. Enable and disable the active discharge feature via I2C commands by writing the DIS bit (B7) in the
CONTROL configuration register (0x02).
POR and Software Register Reset
The KTB8331 does NOT contain non-volatile memory for the register settings. When VIN rises above VPOR=1.8V,
either at initial power up or after a temporary VIN droop below VPOR, a Power-On Reset (POR) circuit resets all
registers to their factory default settings. Thereafter, as long as VIN remains above VPOR, the I2C registers
contents are retained, regardless if the buck is enabled or disabled. However, to reliably read or write to the I2C
registers, VIN should be above VUVLO.
To reset the registers manually via software, use I2C to write a 1 to the RESET bit (B2) in the CONTROL
configuration register (0x02). This resets nearly all registers to their default settings. There are a few exceptions,
as makes logical sense; refer to the CONTROL register description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com