Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201210U-R47M Datasheet(PDF) 13 Page - Kinetic Technologies.

Part # DFE201210U-R47M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201210U-R47M Datasheet(HTML) 13 Page - Kinetic Technologies.

Back Button DFE201210U-R47M Datasheet HTML 9Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 10Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 11Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 12Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 13Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 14Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 15Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 16Page - Kinetic Technologies. DFE201210U-R47M Datasheet HTML 17Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 13 of 25
Kinetic Confidential
Internal Status Monitor
The KTB8331 contains a MONITOR status register (0x05), which can be read to check the present status of the
IC. The register has individual bits for the status of VOUT power-OK, VIN under-voltage lockout, VIN over-voltage
protection, VOUT positive slew, VOUT negative slew, software reset event latch, over-temperature thermal
shutdown, and buck enable. Refer to the MONITOR register description for more details.
Interrupt Register and IRQ\ Flag
The KTB8331 contains an interrupt mask register, an interrupt latch register, and an interrupt request flag pin
(IRQ\) to inform a host processor that one or more status changes have occurred. The INTMASK mask register
(0x06) and the INTLATCH interrupt register (0x07) both partially mirror the MONITOR status register bits.
However, the enable (nEN_INT) interrupt has logic inversion (in comparison to the MONITOR status register) to
indicate that the buck was disabled.
Only unmasked events are latched into the INTLATCH register. By default, all interrupts are masked and need to
be unmasked before they can be latched. The IRQ\ pin pulls active low while any bit in the INTLATCH register is
a 1. Reading the INTLATCH register resets and clears the register, thereby releasing the IRQ\ pin. However, if
an unmasked event is still on-going, it will not clear, and the IRQ\ pin will remain low.
This IRQ\ flag remain active during UVLO events as long as VIN is above VPOR=1.8V. However, the IRQ\ flag is
always cleared if VIN falls below VPOR due to power-on reset (POR) of all registers.
Input Under-Voltage Lockout (UVLO)
When the input voltage (VIN) is below the under-voltage lockout threshold (VUVLO), the buck is disabled. The I2C
registers and all logic pins remain functional during UVLO, so long as VIN remains above VPOR=1.8V. Exiting
UVLO does not reset any registers. When VIN rises above VUVLO, either at initial power up or after a temporary
VIN droop below VUVLO, and if the buck is enabled, the programmed soft-start ramp begins.
The UVLO status is reflected in the MONITOR register. UVLO events do not reset the registers to their defaults.
VIN must fall below VPOR to reset the registers.
Input Over-Voltage Protection (OVP)
When the input voltage (VIN) is above the over-voltage protection threshold (VOVP), the buck is disabled. The I2C
registers and all logic pins remain functional during OVP. When VIN returns below VOVP, and if the buck is
enabled, the programmed soft-start ramp begins.
Just like UVLO, the OVP status is reflected in the MONITOR register.
Inductor Over-Current Protection (OCP)
Inductor peak current limit (ILX_PEAK) and valley current limit (ILX_VALLEY) protect the buck and inductor during over-
current faults. The current limits
control the buck’s switching on a cycle-by-cycle basis and have a higher priority
than the voltage regulation threshold.
During sustained over-current faults, the output voltage typically droops below the regulation threshold. The
POK_STAT bit (B7) in the MONITOR register (0x05) indicates when VOUT is okay (above the VOUT_POK threshold).
Output Short-Circuit Protection (SCP) and Hiccup Mode
During a short-
circuit event at the buck’s output, the inductor experiences a very low discharge voltage during the
switching cycle
’s off-time (tOFF, when the synchronous rectifier switch is on). In this case, the inductor current
ramps down very slowly. In order to prevent inductor current runaway, the valley current limit (ILX_VALLEY) extends
tOFF, keeping the inductor current well controlled.
If an over-current fault or short-circuit event persists for more than 250µs, the buck enters hiccup mode and pause
all switching. After about 5ms, the buck attempts to soft-start. If the fault persists, the buck once again enters
hiccup mode and periodically re-attempts soft-start until the fault is removed. The low duty-factor during hiccup
mode prevents the IC from getting hot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com