Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0301 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CFB0301
Description  High Dynamic Range Low-Noise GaAs FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFB0301 Datasheet(HTML) 2 Page - Mimix Broadband

  CFB0301 Datasheet HTML 1Page - Mimix Broadband CFB0301 Datasheet HTML 2Page - Mimix Broadband CFB0301 Datasheet HTML 3Page - Mimix Broadband CFB0301 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CFB0301
Features
❏ Low-Noise Figure from 0.8 to 2.0 GHz
❏ High Gain
❏ High Intercept Point
❏ Highly Stable
❏ Easily Matched to 50Ω
❏ 70 mil Package
Applications
❏ Cellular Base Stations
❏ PCS Base Stations
❏ Industrial Data Networks
Description
Celeritek’s CFB0301 is a high performance GaAs
MESFET with 600 µm gate width and 0.25 µm gate length.
The low noise figure and high intercept point of this device
makes it well suited for use as the low-noise amplifier of the
High Dynamic Range
Low-Noise GaAs FET
Product Specifications
June 2002
(1 of 3)
base station receiver in PCS, Japanese PHS, AMPS, GSM and
other communications systems. The CFB0301 is in an indus-
try-standard 70 mil package. It is surface mountable and
available in tape and reel.
Electrical Specifications (TA = 25°C, 2 GHz)
Standard
Parameters
Conditions
Min
Typ
Deviation 4
Max
Units
Vd = 2V, Id = 25 mA
Noise Figure 2
0.6
dB
Associated Gain 2
@ Noise Figure
16
dB
Pout
1, 3
P-1
15.0
dBm
IP3
3
+5 dBm POUT/Tone
24
dBm
Id
3
@ P-1
35
mA
Vd = 4V, Id = 30 mA
Noise Figure 2
0.7
dB
Associated Gain 2
@ Noise Figure
17
dB
Pout
1, 3
P-1
20.5
dBm
IP3
3
+5 dBm POUT/Tone
30
dBm
Id
3
@ P-1
56
mA
Vd = 4V, Id = 70 mA
Noise Figure 2
0.8
0.08
0.9
dB
Associated Gain 2
@ Noise Figure
16
17
0.4
dB
Pout
1, 3
P-1
20
21
0.4
dBm
IP3
3
+5 dBm POUT/Tone
32
34
0.9
dBm
Id
3
@ P-1
77
mA
Transconductance
Vds = 2 V, Vgs = 0 V
70
140
mho
Saturated Drain Current
Vds = 2 V, Vgs = 0 V
120
150
180
mA
Pinchoff Voltages
Vds = 2 V, Ids = 1 mA
-2.5
-1.3
-0.5
V
Thermal Resistance
@ Tcase = 150°C liquid crystal test
200
°C/W
Notes: 1. @ T
case = 25°C. Derate 5 mW/°C for Tcase >25°C.
2. Input matched for low noise.
3. Matched for power transfer.
4. Standard deviation based on 10 wafers randomly selected
and is provided as an estimate of the distribution only.
Trademarks are the property of their respected owners.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com