Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0301 Datasheet(PDF) 4 Page - Mimix Broadband

Part # CFB0301
Description  High Dynamic Range Low-Noise GaAs FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFB0301 Datasheet(HTML) 4 Page - Mimix Broadband

  CFB0301 Datasheet HTML 1Page - Mimix Broadband CFB0301 Datasheet HTML 2Page - Mimix Broadband CFB0301 Datasheet HTML 3Page - Mimix Broadband CFB0301 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Celeritek reserves the right to make changes without further notice to any products herein. Celeritek makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does Celeritek assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different applications. All operating
parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Celeritek does not convey any license under its patent
rights nor the rights of others. Celeritek products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Celeritek product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Celeritek products for any such unintended or unauthorized application, Buyer shall indemnify and hold Celeritek and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Celeritek was negligent
regarding the design or manufacture of the part. Celeritek is a registered trademark of Celeritek, Inc. Celeritek, Inc. is an Equal Opportunity/Affirmative Action Employer.
Ordering Information
The CFB0301GaAs FET is available in tape and reel. An evaluation board is also available. Ordering part numbers are listed.
Part Number for Ordering
Function
Package
CFB0301
Low-Noise high dynamic range FET
70 mil package
CFB0301-000T
Low-Noise high dynamic range FET
70 mil package in tape and reel
PB-CFB0301
Evaluation Board
CFB0301
Product Specifications - June 2002
(3 of 3)
Test Circuit
Evaluation Board Schematic
Evaluation Board Substrate:
ER = 4.65
Thickness = 0.036
Transmission Lines (Dimensions in mm.):
T1: 0.203 (W) x 11.55 (L)
T2: 0.203 (W) x 5.05 (L)
PB-CFB0301 Evaluation Board
(SMA Connectors not shown)
Evaluation Board Parts List
Item
Reference Designator
Description
Quantity
Manufacturer
Part Number
1
B21
Chip ferrite bead 0805
1
World Products
HB-1H2012-260JT
2
C23
Capacitor, 1000pF, 0603
1
Rohm
MCH185A102JK
3
C21, C24, C26, C28-C37
Capacitor, 39pF, 0603
13
Rohm
MCH185A039JK
4
C25
Capacitor, 0.01µF, 0603
1
Rohm
MCH185A103JK
5
L26, L28
Inductor, 82nH, INDA5T-3
2
Toko
LL2012-F8NK
6
R21
Resistor, 5.6 Ohm, 0603
1
Dale
RCWP575 560
7
R22, R23
Resistor, 18 Ohm, 0603
2
Dale
RCWP575 181
8
R26
Resistor, 8.2 Ohm, 0603
1
Dale
RCWP575 820
RF IN
RF OUT
C23
1000 pF
T1
T2
C25
.01 pF
B21
BEAD
C24
39 pF
L26
82 nH
C26
39 pF
C31
39 pF
C29
39 pF
C30
39 pF
C31
39 pF
C32
39 pF
R22
18
Ω
C33
39 pF
C34
39 pF
C35
39 pF
C36
39 pF
R23
18
Vdd
R26
8.2
Ω
C37
39 pF
L28
82 nH
C28
39 pF
R21
5.6
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com