Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3041 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3041
Description  20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3041 Datasheet HTML 17Page - Analog Devices LT3041 Datasheet HTML 18Page - Analog Devices LT3041 Datasheet HTML 19Page - Analog Devices LT3041 Datasheet HTML 20Page - Analog Devices LT3041 Datasheet HTML 21Page - Analog Devices LT3041 Datasheet HTML 22Page - Analog Devices LT3041 Datasheet HTML 23Page - Analog Devices LT3041 Datasheet HTML 24Page - Analog Devices LT3041 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
LT3041
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 21 of 36
The LT3041 is a high-performance, low-dropout, linear regulator
that features Analog Devices ultra-low noise (3 nV/√Hz at 10
kHz) and ultra-high PSRR (80 dB at 1 MHz) architecture for pow-
ering noise-sensitive applications. Designed as a precision-current
source followed by a high-performance, rail-to-rail voltage buffer,
the LT3041 can be easily paralleled to further reduce noise, in-
crease output current, and spread heat on the PCB. The LT3041
additionally features programmable current limit, a fast start-up
capability, and programmable power good.
The LT3041 is simple to use and incorporates all of the protection
features expected in high-performance regulators. Included are
short-circuit protection, safe-operating area protection, reverse-bat-
tery protection, reverse-current protection, and thermal shutdown
with hysteresis.
In addition to the LT3041 feature set, the LT3041 incorporates a
VIOC tracking function to control an upstream switching converter
to maintain a constant voltage across the LT3041 and, therefore, to
minimize power dissipation.
OUTPUT VOLTAGE
The LT3041 incorporates precision 100 μA current source flowing
out of the SET pin, which also connects to the inverting input of
the error amplifier. Figure 71 illustrates that connecting a resistor
from SET to ground generates a reference voltage for the error
amplifier. This reference voltage is the product of the SET pin
current and the SET pin resistor. The unity-gain configuration of the
error amplifier produces a low-impedance version of this voltage
on its noninverting input, that is, the OUTS pin, which is externally
connected to the OUT pin.
Figure 71. Basic Adjustable Regulator
The rail-to-rail error amplifier and current reference of the LT3041
allows for a wide output voltage range from 0.2 V to VIN minus
dropout, up to 15 V. A PNP-based input pair is active for a 0.2 V
to ~0.95 V output and an NPN-based input pair is active for output
voltages greater than ~0.95 V, with an abrupt transition between
the two input pairs at ~0.95 V output with approximately 24 mV
of hysteresis. While the NPN-based input pair is designed to offer
the best overall performance, refer to the Table 1 for details on the
offset voltage, SET pin current, output noise, and PSRR variation
with the error-amplifier input pair. Table 4 lists many common output
voltages and their corresponding 1% RSET resistors.
Table 4. 1% Resistor for Common Output Voltages
VOUT (V)
RSET (kΩ)
2.5
24.9
3.3
33.2
5
49.9
12
121
15
150
The benefit of using a current reference compared to the typical
voltage reference used in conventional regulators is that the regula-
tor always operates in a unity-gain configuration, independent of the
programmed output voltage. This configuration allows the LT3041
to have loop gain, frequency response, and bandwidth independent
of the output voltage. As a result, noise, PSRR, and transient
performance do not change with output voltage. Moreover, because
none of the error-amplifier gain is needed to amplify the SET pin
voltage to a higher output voltage, output load regulation is more
tightly specified in the hundreds of microvolts range and not as a
fixed percentage of the output voltage.
Because the zero temperature-coefficient current source is highly
accurate, the SET pin resistor can become a limiting factor in
achieving high accuracy. Therefore, the SET pin resistor must be
a precision resistor. Additionally, any leakage paths to or from the
SET pin create errors in the output voltage. If necessary, use high-
quality insulation (for example, Teflon or Kel-F). Moreover, cleaning
of all insulating surfaces to remove fluxes and other residues can
be required. High humidity environments can require a surface
coating at the SET pin to provide a moisture barrier.
Minimize board leakage by encircling the SET pin with a guard
ring that operates at a potential close to itself, ideally connected
to the OUT pins. Guarding both sides of the circuit board is recom-
mended. Bulk leakage reduction depends on the guard-ring width.
Leakages of 100 nA into or out of the SET pin creates a 0.1% error
in the reference voltage. Leakages of this magnitude, coupled with
other sources of leakage, can cause significant errors in the output
voltage, especially over a wide operating temperature range. Figure
72 illustrates a typical guard-ring layout technique.
Figure 72. DFN Guard Ring Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com