Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8601 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8601 Datasheet HTML 9Page - Analog Devices LT8601 Datasheet HTML 10Page - Analog Devices LT8601 Datasheet HTML 11Page - Analog Devices LT8601 Datasheet HTML 12Page - Analog Devices LT8601 Datasheet HTML 13Page - Analog Devices LT8601 Datasheet HTML 14Page - Analog Devices LT8601 Datasheet HTML 15Page - Analog Devices LT8601 Datasheet HTML 16Page - Analog Devices LT8601 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT8686S
13
Rev. 0
For more information www.analog.com
OPERATION
The LT8686S is a 42V input capable quad, monolithic,
step-down regulator which incorporates Analog Device’s
2nd generation Silent Switcher technology to allow fast
switching edges for high efficiency at high switching
frequency, while simultaneously achieving good EMI/
EMC performance.
Channels 1 and 2 are designed to provide output currents
up to 2A each from an input supply voltage as high as
42V. Channels 3 and 4 are designed to provide output
currents up to 2A each from an input supply voltage as
high as 8V. Higher output currents can be achieved by
combining channels with a single inductor. For example,
channels 1 and 2 can be combined using a single inductor
to provide a regulated output up to 4A. Channels 3 and 4
can be combined using a single inductor to provide a
regulated output up to 4A. Independent VIN pins allow
for the output of one channel to supply the input of the
other channels.
START-UP
When enabled by setting the EN/UVLO voltage above its
threshold, the LT8686S INTVCC regulator charges its out-
put capacitor to supply the internal chip circuitry. Setting
the EN/UVLO above 0.9V (rising) will enable the channel 1
regulator. Setting the EN/UVLO voltage below the UVLO
threshold will put the part in low power shutdown mode
regardless of the state of the other enable pins.
Channels 2, 3 and 4 are enabled by setting their respec-
tive enable pins above 0.9V (rising). When combining
channels, connect the enable pin of the slave channel to
that of the controlling channel. See “Combining Channels”
in the Applications Information section for further detail.
BUCK REGULATOR OPERATION
Each channel is a monolithic, synchronous step-down
regulator that operates from an independent VIN pin. The
internal top power MOSFET is turned on at the beginning
of each oscillator cycle and turned off when the current
flowing through the top MOSFET reaches a level deter-
mined by the error amplifier. The error amplifier measures
the output voltage through an external resistor divider
tied to the FB pin to control the peak current in the top
switch. The reference of the error amplifier is determined
by the lower of the internal 0.8V reference and the voltage
at its soft start (TRK/SSx) pin. While the top MOSFET is
off, the bottom MOSFET is turned on for the remainder
of the oscillator cycle or until the inductor current starts
to reverse. In current overload conditions the bottom
MOSFET will remain on, and the next clock cycle will be
delayed until the switch current is reduced.
PRECISION ENABLE PINS
When driven below 0.4V, the EN/UVLO pin will place the
LT8686S into low power shutdown mode. A voltage on
the EN/UVLO pin above 0.9V (rising) will enable chan-
nel 1 operation. Channels 2, 3 and 4 are also activated
by driving their respective EN2, EN3 and EN4 pins above
0.9V (rising).
A precision threshold of 0.8V (falling) allows the EN/UVLO
to be used as an input undervoltage lockout by connecting
a resistor divider between VIN1 and ground. Similarly, a
precision threshold of 0.81V allows EN2, EN3, and EN4
to also be used as input undervoltage lockouts. See the
Applications Information section for more details.
POWER GOOD COMPARATORS
Each channel has a power good comparator with an open-
drain output that pulls its PG pin low when its feedback
voltage is more than 7.5% above or below the reference
voltage. The PG pin is released when the feedback pin is
within 6% of the reference voltage. The PG outputs are
not valid until INTVCC rises to 2.7V.
SWITCHING FREQUENCY
Each channel operates from a clock provided by an
internal oscillator whose frequency is determined by an
external resistor connected from the RT pin to ground.
By selecting the appropriate external resistor value, the
switching frequency may be configured from 350kHz to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com