Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8601 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8601 Datasheet HTML 12Page - Analog Devices LT8601 Datasheet HTML 13Page - Analog Devices LT8601 Datasheet HTML 14Page - Analog Devices LT8601 Datasheet HTML 15Page - Analog Devices LT8601 Datasheet HTML 16Page - Analog Devices LT8601 Datasheet HTML 17Page - Analog Devices LT8601 Datasheet HTML 18Page - Analog Devices LT8601 Datasheet HTML 19Page - Analog Devices LT8601 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LT8686S
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
COMBINING CHANNELS
The LT8686S provides the ability to combine multiple
regulators to create a single regulator capable of greater
output current using a single inductor.
The allowed channel combinations are given in Table 2.
Table 2. Allowed Channel Combinations
CONFIGURATION
NUMBER OF
INDEPENDENT REGULATORS
1
1, 2, 3, 4
4
2
1, 2, 3 + 4
3
3
1 + 2, 3, 4
3
4
1 + 2, 3 + 4
2
When combining, the lowest numbered channel assumes
control of the combined regulators. For example, with
channel 1 and channel 2 combined, channel 1 assumes
control (master) and channel 2 becomes depen-
dent (slave). A feedback network is connected only to
the master channel to program the combined regulator
output voltage. The slave channel’s feedback pin must be
connected to INTVCC.
Combined channels must have a low impedance connec-
tion between their respective VIN pins, SW pins, and BST
pins. Only a single inductor is connected to the com-
bined SW pins. Though combined channels’ BST pins
are connected together, each channel should retain their
individual boost capacitors.
A simplified application schematic showing sharing
between channels 1 and 2 as well as channels 3 and 4 is
given in Figure 3.
REVERSE INPUT PROTECTION
In some applications, such as battery charging or bat-
tery backup applications, an LT8686S channel output
may be held high when its input is made to either float
or is grounded.
VIN
BIAS
FB1
FB2
FB3
FB4
RT
PG1
PG2
PG3
PG4
SYNC/MODE
VIN1
VIN2
EN/UVLO
EN2
BST1
BST2
BST3
TRK/SS1
TRK/SS2
TRK/SS3
TRK/SS4
SW1
SW2
SW3
LT8686S
3V TO
42V
VIN
VIN3
VIN4
EN3
EN4
3V TO
8V
8686S F03
BST4
SW4
OUT1,2
OUT3,4
INTVCC
INTVCC
INTVCC
Figure 3. Simplified Schematic of Channel Sharing
If the input to the channel is floated, and the LT8686S is
enabled, then the LT8686S’s internal circuitry will pull
its quiescent current through the SW pin. If the input is
floated, and the LT8686S is disabled, then the SW pin
current will drop to less than 1µA. If the input is grounded,
an input protection diode is required to prevent reverse
current from the output, through the top power MOSFET
body diode (shown in the Block Diagram), out of the VINx
pin to the grounded input.
BUCK REGULATOR COMPONENT SELECTION
Setting the Output Voltages
The output voltages of the buck channels are set with a
resistor divider from the output to the related FBx pin as
shown in Figure 4.
FBx
SWx
LT8686S
CFF
(OPT)
R1
R2
COUT
8686S F04
OUT
Figure 4. Feedback Resistor Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com