Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMEF Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # RMEF
Description  General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMEF Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  RMEF Datasheet HTML 1Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev Date: 8/27/2021
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMEF Series
General Purpose Thick Film Chip Resistor
100% RoHS Compliant Without Exemption
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Power rating or current rating is in the case based on continuous full-load at ambient temperature of 70ºC. For
operation at ambient temperature in excess of 70ºC, the load should be derated in accordance with figure of derating
curve.
Voltage Rating or Current Rating
Resistance range ≥ 1 Ω
Rated Voltage: The resistor shall have a DC continuous working voltage of a RMS AC continuous working voltage at
commercial line frequency and have form corresponding to the power rating, as determined formula as following:
E(RCWV) = √PxR
E=Rated voltage (V)
P=Power rating (W)
R=Nominal resistance (Ω)
Recommended Pad Layout
Size
A
B
C
Unit
0.024
0.063
0.028
inches
0.60
1.60
0.70
mm
0.031
0.094
0.039
inches
0.80
2.40
1.00
mm
0.051
0.114
0.055
inches
1.30
2.90
1.40
mm
0.087
0.165
0.067
inches
2.20
4.20
1.70
mm
0.079
0.173
0.106
inches
2.00
4.40
2.70
mm
0.122
0.233
0.118
inches
3.11
5.91
3.00
mm
0.150
0.260
0.106
inches
3.80
6.60
2.70
mm
0.193
0.319
0.134
inches
4.90
8.10
3.40
mm
RMEF2512
RMEF1210
RMEF2010
RMEF0402
RMEF0603
RMEF0805
RMEF1206
RMEF1812



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com