Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMEF Datasheet(PDF) 10 Page - Stackpole Electronics, Inc.

Part # RMEF
Description  General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMEF Datasheet(HTML) 10 Page - Stackpole Electronics, Inc.

Back Button RMEF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 9Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 10Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Rev Date: 8/27/2021
10
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMEF Series
General Purpose Thick Film Chip Resistor
100% RoHS Compliant Without Exemption
Stackpole Electronics, Inc.
Resistive Product Solutions
How to Order
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High
Concern) free and compliant with the requirement
s of EU Directive 1907/2006/EC, “The Registration, Evaluation,
Authorization and Restriction of Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH
Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We
continually strive to improve our effect on the environment. We observe all applicable laws and regulations regarding the
protection of our environment and all requests related to the environment to which we have agreed. We are committed
to the prevention of all forms of pollution.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R
M
E
F
0
6
0
3
J
T
1
0
R
0
Resistance Value
Code
Description
Size
W
Code
Tol
Value
Code
Description
Size
Quantity
0402
0.063
F
1%
E96, E24
0402
10000
0603
0.1
J
5%
E24
0805
0.125
Z
1 ohm = 1R00
1206
0.25
10 ohm = 10R0
1210
0.5
100 Kohm = 100K
1812
0.75
(*) Larger reel sizes may be available.
1 Mohm = 1M00
2010
0.75
Contact Stackpole Electronics.
Zero ohm jumper = 0R00
2512
1
Thick Film
Chip Resistor
Product Series
Packaging (*)
RMEF
Size
Tolerance
5000
T
7" Reel
Paper Tape
Four characters with the
multiplier used as the
decimal holder.
4000
Jumper
7" Reel
Plastic Tape
2010, 2512
1812
0603, 0805
1206, 1210



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com