Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPCA Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # RPCA
Description  Automotive Grade Surge Withstanding Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPCA Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  RPCA Datasheet HTML 1Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 2Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 3Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 4Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 5Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 6Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 7Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 8Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev Date: 8/11/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPCA Series
Automotive Grade Surge Withstanding Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Item
Test Method
Tolerances of
0.5% and 1%
Tolerance of
5%, 10%, 20%
Jumper
Test Condition
JIS-C-5201-1 4.8
IEC-60115-1 4.8
0603: ≤ 8mΩ
0805: ≤ 5mΩ
1206: ≤ 5mΩ
Jumper: 2*Imax for 5 seconds
JIS-C-5201-1 4.6
IEC-60115-1 4.6
0603: ≤ 8mΩ
0805: ≤ 5mΩ
1206: ≤ 5mΩ
0603: ≤ 8mΩ
0805: ≤ 5mΩ
1206: ≤ 5mΩ
0603: ≤ 8mΩ
0805: ≤ 5mΩ
1206: ≤ 5mΩ
0603: ≤ 8mΩ
0805: ≤ 5mΩ
1206: ≤ 5mΩ
Solderability
JIS-C-5201-1 4.17
IEC-60115-1 4.17
245 ± 5°C for 3 seconds
0603: ≤ 8mΩ
0805: ≤ 5mΩ
1206: ≤ 5mΩ
Voltage Proof
JIS-C-5201-1 4.7
IEC-60115-1 4.7
1.42 times max. operating voltage for 1 minute
JIS-C-5201-1 4.18
IEC-60068-2-58-8.2.1
0603: ≤ 8mΩ
0805: ≤ 5mΩ
1206: ≤ 5mΩ
0603: ≤ 8mΩ
0805: ≤ 5mΩ
1206: ≤ 5mΩ
0603: ≤ 8mΩ
0805: ≤ 5mΩ
1206: ≤ 5mΩ
ESD
AEC-Q200-002
Human body model
0402/0603: 1KV; 0805 and above: 2KV
Resistance to Solvents
MIL-STD-202
Method 215
Add aqueous wash chemical - OKEM clean or
equivalent. Do not use banned solvents.
Terminal Strength
AEC-Q200-006
Force of 1.8Kg for 60 seconds
Flammability
UL-94
V-0 or V-1 are acceptable.
Electrical test not required.
0603: ≤ 8mΩ
0805: ≤ 5mΩ
1206: ≤ 5mΩ
Operating temperature range is -55°C +155°C
60 ± 2°C, no power rating for 500 hours
No ignition of the tissue paper or scorching on the
pinewood board
Sulfur Test
EIA-977
(Condition A)
ΔR ± 1%
ΔR ± 5%
Wave form: Tolerance for half sine shock pulse.
Peak value is 100g's. Normal duration (D) is 6.
5 g's for 20 minutes, 12 cycles each of 3
orientations, 10-2000Hz
± (3% + 0.05Ω)
No visible damage on appearance and marking.
No breakage.
Vibration
MIL-STD-202
Method 204
± (0.5% +
0.05Ω)
± (1% + 0.05Ω)
Mechanical Shock
MIL-STD-202
Method 213
± (0.25% +
0.05Ω)
± (1% + 0.05Ω)
Temperature Cycling
JESD22
Method JA-104
± (1% + 0.05Ω)
± (0.5% +
0.05Ω)
-55°C to + 125°C, 1000 cycles
± (0.5% +
0.05Ω)
± (1% + 0.05Ω)
260 ± 5°C for 10 seconds
No breakdown or flashover
Individual leaching area ≤ 5%
Total leaching area ≤ 10%
Storage Temperature: 15 ~ 28ºC; humidity < 80% R.H.
RCWV * 2.5 or max. overload voltage
whichever is lower for 5 seconds
Within the specified tolerance
± (1% + 0.05Ω)
≥ 10G
± (1% + 0.05Ω)
± (1% + 0.05Ω)
Biased Humidity
MIL-STD-202
Method 103
± (3% + 0.05Ω)
1000 hours 85°C/85% R.H. 10% of operating
power
High Temperature
Exposure
MIL-STD-202
Method 108
± (1% + 0.05Ω)
At 155°C for 1000 hours
At 25°C/-55°C and 25°C/+125°C, 25°C
is the reference temperature
Max. overload voltage for 1 minute
Insulation Resistance
MIL-STD-202
Method 108
± (3% + 0.05Ω)
Condition D Stead State TA=125°C at derated
power. Measurement at 24 ± 4 hours after test
conclusion
Operational Life
Leaching
260ºC ± 5°C for 30 seconds
RCWV (Rated Continuous Working Voltage)=
or Max. Operating Voltage whichever is lower.
Board Flex
AEC-Q200-005
± (1% + 0.05Ω)
Bending once for 60 seconds.
2010, 2512 sizes: 2mm; other sizes: 3mm
95% min. coverage
Resistance to Soldering
Heat
JIS-C-5201-1 4.18
IEC-60115-1 4.18
Temperature Coefficient
of Resistance (T.C.R.)
Short Time Overload
√ P*R
JIS-C-5201-1 4.13
IEC-60115-1 4.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com