Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPCA Datasheet(PDF) 10 Page - Stackpole Electronics, Inc.

Part # RPCA
Description  Automotive Grade Surge Withstanding Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPCA Datasheet(HTML) 10 Page - Stackpole Electronics, Inc.

Back Button RPCA Datasheet HTML 5Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 6Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 7Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 8Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 9Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 10Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 11Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 12Page - Stackpole Electronics, Inc. RPCA Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev Date: 8/11/2022
10
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPCA Series
Automotive Grade Surge Withstanding Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Pulse Withstand Capacity
The single impulse graph is the result of 50 impulses of rectangular shape applied at one-minute intervals. The limit of
acceptance was a shift in resistance of less than 1% from the initial value. The power applied was subject to the
restrictions of the maximum permissible impulse voltage graph shown.
Single Pulse Power (100 ohms)
RPCA (Standard Power) tolerances of 0.5% and 1%
RPCA-HP (High Power) all tolerances
RPCA-UP (Ultra High Power) all tolerances
Single Pulse Power (100 ohms)
RPCA (Standard Power)
Tolerances of 5%, 10% and 20%
This data is for the 100
Ω resistance value for each size. Pulse power handling is dependent on the resistance value.
For resistance values higher or lower than 100
Ω, contact Stackpole for advice on pulse handling characteristics of your
particular resistance value of interest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com