Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC2010 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RPC2010
Description  Pulse Withstanding Thick Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPC2010 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RPC2010 Datasheet HTML 1Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 2Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 3Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 4Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 5Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 6Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 7Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 8Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev Date: 5/24/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPC Series
Pulse Withstanding Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
Electrical Specifications
– Ultra High Power (UP)
Electrical Specifications
– Ultra High Power Jumper
0.5%
1%
5%
±200
10 - 294
1 - 294
1 - 270
±100
±200
10 - 20
±100
22 - 1M
Ultra High Power: double side printed resistor element.
Maximum
Overload
Voltage (V)
600
TCR (ppm/ºC)
20.5 - 1M
1 - 20
300 - 1M
Ohmic Range (Ω) and Tolerance
Type/Code
Power Rating (W)
@ 70ºC
Maximum
Working
Voltage (V)
RPC0805_-UP
0.5
400
Working Voltage =
or Max. Working Voltage listed above, whichever is lower.
Overload Voltage = 2.5*
or Max. Overload Voltage listed above, whichever is lower.
RPC1206_-UP
0.75
500
1000
√ P*R
√ P*R
0.039 ± 0.002
0.020 ± 0.002
0.014 ± 0.002
0.008 ± 0.004
0.008 ± 0.004
inches
1.00 ± 0.05
0.50 ± 0.05
0.35 ± 0.05
0.20 ± 0.10
0.20 ± 0.10
mm
0.063 ± 0.004
0.031 ± 0.004
0.018 ± 0.004
0.012 ± 0.008
0.012 ± 0.008
inches
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
mm
0.079 ± 0.004
0.049 ± 0.004
0.020 ± 0.004
0.014 ± 0.008
0.016 ± 0.008
inches
2.00 ± 0.10
1.25 ± 0.10
0.50 ± 0.10
0.35 ± 0.20
0.40 ± 0.20
mm
0.079 ± 0.004
0.049 ± 0.004
0.020 ± 0.004
0.014 ± 0.008
0.016 ± 0.008
inches
2.00 ± 0.10
1.25 ± 0.10
0.50 ± 0.10
0.35 ± 0.20
0.40 ± 0.20
mm
0.122 ± 0.004
0.061 ± 0.004
0.022 ± 0.004
0.020 ± 0.010
0.020 ± 0.008
inches
3.10 ± 0.10
1.55 ± 0.10
0.55 ± 0.10
0.50 ± 0.25
0.50 ± 0.20
mm
0.122 ± 0.004
0.061 ± 0.004
0.022 ± 0.004
0.020 ± 0.010
0.020 ± 0.008
inches
3.10 ± 0.10
1.55 ± 0.10
0.55 ± 0.10
0.50 ± 0.25
0.50 ± 0.20
mm
0.122 ± 0.004
0.102 ± 0.006
0.022 ± 0.004
0.020 ± 0.010
0.020 ± 0.008
inches
3.10 ± 0.10
2.60 ± 0.15
0.55 ± 0.10
0.50 ± 0.25
0.50 ± 0.20
mm
0.197 ± 0.004
0.098 ± 0.006
0.022 ± 0.004
0.024 ± 0.010
0.020 ± 0.008
inches
5.00 ± 0.10
2.50 ± 0.15
0.55 ± 0.10
0.60 ± 0.25
0.50 ± 0.20
mm
0.250 ± 0.004
0.122 ± 0.006
0.022 ± 0.004
0.024 ± 0.010
0.020 ± 0.008
inches
6.35 ± 0.10
3.10 ± 0.15
0.55 ± 0.10
0.60 ± 0.25
0.50 ± 0.20
mm
0.250 ± 0.008
0.124 ± 0.006
0.024 ± 0.004
0.024 ± 0.010
0.020 ± 0.008
inches
6.35 ± 0.20
3.15 ± 0.15
0.60 ± 0.10
0.60 ± 0.25
0.50 ± 0.20
mm
Body Height
24.241
Unit
RPC0805 (HP)
RPC1206 (HP)
Type/Code
RPC0402
L
Bottom Termination
Weight (g)
(1000 pcs)
0.64
4.368
8.947
W
H
D1
D2
Top Termination
15.959
Body Length
Body Width
RPC2512 (HP)
42
RPC0603 (HP)
2.042
RPC0805_-UP
5.049
RPC1206_-UP
9.541
39.448
RPC1210 (HP)
RPC2010 (HP)
RPC2512
RPC0805_-UP
6
RPC1206_-UP
10
Ultra High Power: double side printed resistor element.
0.005 max.
RPC0603-UP zero ohm jumper with 5A current rating also available.
Type/Code
Jumper Rated Current
(A)
Max. Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com