Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC2010 Datasheet(PDF) 12 Page - Stackpole Electronics, Inc.

Part # RPC2010
Description  Pulse Withstanding Thick Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPC2010 Datasheet(HTML) 12 Page - Stackpole Electronics, Inc.

Back Button RPC2010 Datasheet HTML 4Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 5Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 6Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 7Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 8Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 9Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 10Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 11Page - Stackpole Electronics, Inc. RPC2010 Datasheet HTML 12Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Rev Date: 5/24/2022
12
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPC Series
Pulse Withstanding Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined i
n the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Com
pliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
RoHS Compliance Status
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
P
C
1
2
0
6
F
T
1
R
2
0
-
H
P
RPC
Pulse Withstanding Thick Film
Surface Mount Chip Resistor
SMD
YES(1)
100% Matte Sn over Ni
Jan-03
03/01
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Note (1): RoHS Compliant by means of exemption 7c-I.
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series RoHS
Compliant
Lead-Free Termination
Composition
Resistance Value
Code
Description
Size
W
Code
Tol Value
Code
Description
Size Quantity
Code
Description
0402
0.2
D
0.5%
0402
10000
blank
Standard
0603
0.1
F
1%
0603
-HP
High Power
0603(HP)
0.25
J
5%
0805
300 ohm = 300R
-UP
Ultra High Power
0805
0.25
K
10%
1206
10.2 Kohm = 10K2
0805(HP)
0.4
M
20%
1210
1 Mohm = 1M00
0805(UP)
0.5
Z
2010
Zero ohm jumper = 0R00
1206
0.33
2512
1206(HP)
0.5
1206(UP)
0.75
1210
0.5
1210(HP)
0.75
2010
0.75
2010(HP)
1
2512
1.5
2512(HP)
2
Special
Product Series
RPC
Four characters with the
multiplier used as the
decimal holder.
Pulse
Withstanding
Tolerance
Packaging
Power Rating
E24
5000
T
7" Reel
Plastic Tape
7" Reel
Paper Tape
4000
E96
E24
Jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com