Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 2 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 2 Page - NXP Semiconductors

  S32K311NHT0MPAST Datasheet HTML 1Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 2Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 3Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 4Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 5Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 6Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 7Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 8Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 137 page
background image
• Power management
— Low-power Arm Cortex-M7 core with excellent
energy efficiency, balanced with performance
— Power Management Controller (PMC) with
simplified mode management (RUN and
STANDBY)
— Supports peripheral specific clock gating. Only
specific peripherals remain working in low power
modes.
• Communications interfaces
— Up to 16 serial communication interface (LPUART)
modules, with LIN, UART and DMA support
— Up to six Low Power Serial Peripheral Interface
(LPSPI) modules with DMA support
— Up to two Low Power Inter-Integrated Circuit
(LPI2C) modules with DMA support
— Up to six FlexCAN modules (with optional CAN-FD
support)
— FlexIO module for flexible and high performance
serial interfaces
— Up to two Ethernet module
— Up to two Synchronous Audio Interface (SAI)
modules
• Reliability, safety and security
— Hardware Security Engine (HSE_B) - Supports AES
accelerator(for K388 only)
— Up to two Internal Software Watchdog Timers
(SWT)
— Error-Correcting Code (ECC) on all memories
— Error Detection Code (EDC) on data path
— Cyclic Redundancy Check (CRC) module
— 120-bit Unique Identification (ID) number
— Extended Cross domain Domain Controller
(XRDC), providing protection for master core
access rights
— Virtualization Wrapper (VIRT_WRAPPER),
providing I/O protection
• Debug functionality
— Serial Wire JTAG debug Port (SWJ-DP), with 2 pin
Serial Wire Debug (SWD) for external debugger
— Debug Watchpoint and Trace (DWT), with four
configurable comparators as hardware watchpoints
— Serial Wire Output (SWO)-synchronous trace data
support
— Instrumentation Trace Macrocell (ITM) with
software and hardware trace, plus time stamping
— CoreSight AHB Trace Macrocell (HTM)
— Flash Patch and Breakpoints (FPB) with ability to
patch code and data from code space to system
space
— Serial Wire Viewer (SWV): A trace capability
providing displays of reads, writes, exceptions, PC
Samples and print
— Full data trace for up to 16 output wide
— Embedded Cross Trigger (ECT) is used for
multicore run-control and trace cross triggering,
using CoreSight Cross Trigger Interface (CTI)
• Timing and control
— Up to three enhanced modular I/O system (eMIOS),
offering up to 72 timer channels (IC/OC/PWM)
— Up to two System Timer Modules (STM)
— Up to two Logic Control Units (LCU)
— Full cross triggering support for ADC / timer (BCTU)
— One Trigger MUX Control (TRGMUX) module
— Up to three Periodic Interrupt Timer (PIT) modules
— 32-bit Real Time Counter (RTC) with autonomous
periodic interrupt (API) function
NXP Semiconductors
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
2 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com