Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32K311NHT0MPAST Datasheet(PDF) 21 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K341 and S32K342. Data is preliminary for S32K311, S32K310, S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 17Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 18Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 19Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 20Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 21Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 22Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 23Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 24Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
Table 3. Voltage and current operating requirements (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
IINJPAD_DC_OP
Continuous DC input
current (positive/
negative) that can be
injected into an I/O
pin 6
-2
—
3
mA
VDD_HV_A >= 2.97V
—
IINJSUM_DC_OP
Sum of
absolute value of
injected currents
on all the I/O
pins (continuous
DC limit) 6
-30
—
30
mA
VDD_HV_A >= 3.6V
—
IINJSUM_DC_OP
Sum of
absolute value of
injected currents
on all the I/O
pins (continuous
DC limit) 6
-20
—
30
mA
VDD_HV_A >= 2.97V
—
Vramp_slow
Supply ramp rate
(slow) 1, 7
0.5
—
—
V/min
—
—
Vramp_fast
Supply ramp rate
(fast) 1, 7
—
—
100
V/ms
—
—
1. All voltages are referred to VSS unless otherwise specified.
2. If total power dissipation and maximum junction temperature allows. Please refer to Thermal operating characteristics
table for the maximum junction temperature, and Thermal characteristics table for the thermal characteristics, to determine
the maximum power dissipation allowed for a given package.
3. You must ensure that the junction temperature in the application must not exceed the maximum specified Tj.
4. VREFH should always be equal to or less than VDD_HV_A +0.1. Any positive differential voltage between VREFH and
VDD_HV_A i.e., VDD_HV_A < VREFH <= VDD_HV_A + 0.1V) is for RF-AC only. Appropriate decoupling capacitors should
be used to filter noise on the supplies. See application note AN5032 for reference supply design for SAR ADC.
5. Open-drain outputs must be pulled respectively to their supply rail (VDD_HV_A or VDD_HV_B).
6. When input pad voltage levels are close to VDD_HV_A (respectively to VDD_HV_B) or VSS, practically no current injection
is possible.
7. The MCU supply ramp rate parameter must be applicable to the MCU input/external supplies. The ramp rate assumes that
the S32K3xx HW design guidelines available on www.nxp.com are followed.
5.3 Thermal operating characteristics
Table 4. Thermal operating characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Tamb
Ambient temperature -40
—
125
°C
—
—
TJ
Junction
temperature
-40
—
150
°C
—
—
For S32K388, applications running at 125°C Tamb, thermal management schemes at PCB level will have to be deployed to keep
TJ below 150°C.
NXP Semiconductors
General
S32K3xx Data Sheet, Rev. 5.2, 10/2022
Data Sheet: Technical Data
Preliminary Information
21 / 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com