Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM1100 Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM1100
Description  2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1100 Datasheet(HTML) 3 Page - Mimix Broadband

  CMM1100 Datasheet HTML 1Page - Mimix Broadband CMM1100 Datasheet HTML 2Page - Mimix Broadband CMM1100 Datasheet HTML 3Page - Mimix Broadband CMM1100 Datasheet HTML 4Page - Mimix Broadband CMM1100 Datasheet HTML 5Page - Mimix Broadband CMM1100 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
S-Parameters
2.0-18.0 GHz GaAs MMIC
Low Noise Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM1100
May 2006 - Rev 01-May-06
Typcial S-Parameter Data for CMM1100
V
d=5.0 V Id=110 mA
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
0.1
0.989
-32.89
0.002
-72.42
0.001
2.94
0.996
-14.02
0.5
0.839
-138.78
0.063
-3.31
0.002
84.86
0.936
-70.70
1.0
0.430
96.36
4.612
-156.47
0.007
-89.29
0.533
-150.27
2.0
0.079
-79.78
7.309
54.69
0.001
93.66
0.235
173.76
3.0
0.117
-123.97
7.967
-13.21
0.002
95.25
0.111
166.37
4.0
0.146
-120.27
7.957
-61.49
0.003
57.01
0.093
-178.76
5.0
0.198
-119.04
7.774
-101.59
0.004
26.90
0.110
-173.73
6.0
0.257
-127.62
7.527
-137.51
0.004
3.56
0.127
179.58
7.0
0.292
-138.75
7.397
-169.02
0.005
-21.72
0.135
162.34
8.0
0.307
-147.41
7.406
159.75
0.006
-40.36
0.125
144.68
9.0
0.308
-154.14
7.525
128.76
0.006
-62.38
0.103
122.29
10.0
0.312
-158.91
7.689
97.15
0.006
-83.34
0.070
94.80
11.0
0.318
-163.15
7.783
64.72
0.007
-104.97
0.037
42.36
12.0
0.333
-171.93
7.765
32.07
0.008
-125.80
0.037
-40.62
13.0
0.328
178.87
7.672
0.03
0.008
-149.13
0.061
-90.19
14.0
0.300
161.11
7.740
-31.97
0.009
-169.78
0.078
-114.06
15.0
0.277
142.05
7.945
-64.56
0.009
170.64
0.081
-134.69
16.0
0.184
112.04
8.293
-100.09
0.010
149.19
0.081
-148.84
17.0
0.158
55.01
8.667
-138.53
0.010
122.11
0.072
-162.15
18.0
0.191
8.33
8.929
178.72
0.011
93.61
0.054
164.21
19.0
0.341
-26.19
8.632
129.48
0.011
56.71
0.042
62.03
20.0
0.525
-54.25
7.041
76.86
0.010
15.10
0.116
-24.48
21.0
0.631
-81.75
4.883
29.71
0.009
-25.82
0.179
-69.96
22.0
0.648
-98.09
3.473
-12.54
0.008
-62.11
0.195
-99.10
23.0
0.680
-107.84
2.454
-59.85
0.008
-95.55
0.175
-122.33
24.0
0.785
-119.97
1.265
-113.21
0.006
-142.49
0.151
-130.57
25.0
0.783
-140.30
0.532
-141.73
0.005
-167.88
0.121
-132.85
26.0
0.570
-165.99
0.214
-149.82
0.003
145.82
0.113
-134.43
27.0
0.300
-94.21
0.223
-152.16
0.001
-153.86
0.105
-133.33
28.0
0.727
-114.15
0.140
170.89
0.003
176.63
0.087
-129.04
29.0
0.819
-131.21
0.074
153.50
0.004
155.26
0.078
-116.79
30.0
0.850
-142.42
0.043
147.08
0.003
151.90
0.090
-96.48



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com