Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM1100 Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMM1100
Description  2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1100 Datasheet(HTML) 5 Page - Mimix Broadband

  CMM1100 Datasheet HTML 1Page - Mimix Broadband CMM1100 Datasheet HTML 2Page - Mimix Broadband CMM1100 Datasheet HTML 3Page - Mimix Broadband CMM1100 Datasheet HTML 4Page - Mimix Broadband CMM1100 Datasheet HTML 5Page - Mimix Broadband CMM1100 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
App Note [1] Biasing - As shown in the bonding diagram, this device operates using a self-biased architecture and only requires one drain
bias. Bias is nominally Vd1=Vd2=5V, I
TOTAL=105mA. Additionally there are six total source resistors on chip. The three resistors on the input
stage are 16.6, 29.0 and 29.0 Ohms. The three resistors on the output stage are 12.5, 12.5 and 9.0 Ohms. One of these must be bonded to
ground for each amplifier stage to achieve performance as shown. Bonding to one of the other resistors or any or all in parallel may allow
additional performance adjustment. Lastly for additional stability pad #3 can be grounded instead of bond pad #2.
App Note [2] Bias Arrangement - Each DC pad (Vd) needs to have DC bypass capacitance (~100-200 pF) as close to the device as possible.
Additional DC bypass capacitance (~0.01 uF) is also recommended.
Device Schematic
2.0-18.0 GHz GaAs MMIC
Low Noise Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM1100
May 2006 - Rev 01-May-06
Backplate
Temperature
55 deg Celsius
75 deg Celsius
95 deg Celsius
Channel
Temperature
deg Celsius
deg Celsius
deg Celsius
FITs
E+
E+
E+
MTTF Hours
E+
E+
E+
Rth
C/W
C/W
C/W
Bias Conditions: Vd1,2=5.0V, I
TOTAL=105 mA
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating foundry.
MTTFTable (TBD) (ThermalResistance(Rth)is60.0ºC/W)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com