Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC74MTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC74MTR
Description  DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC74MTR Datasheet(HTML) 1 Page - STMicroelectronics

  74AC74MTR Datasheet HTML 1Page - STMicroelectronics 74AC74MTR Datasheet HTML 2Page - STMicroelectronics 74AC74MTR Datasheet HTML 3Page - STMicroelectronics 74AC74MTR Datasheet HTML 4Page - STMicroelectronics 74AC74MTR Datasheet HTML 5Page - STMicroelectronics 74AC74MTR Datasheet HTML 6Page - STMicroelectronics 74AC74MTR Datasheet HTML 7Page - STMicroelectronics 74AC74MTR Datasheet HTML 8Page - STMicroelectronics 74AC74MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
April 2001
s
HIGH SPEED:
fMAX = 300MHz (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 74
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC74 is an advanced high-speed CMOS
DUAL D-TYPE FLIP FLOP WITH PRESET AND
CLEAR
fabricated with sub-micron silicon gate
and double-layer metal wiring C2MOS tecnology.
A signal on the D INPUT is transferred to the Q
and Q OUTPUTS during the positive going
transition of the clock pulse.
CLEAR and PRESET are independent of the
clock and accomplished by a low setting on the
appropriate input.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74AC74
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC74B
SOP
74AC74M
74AC74MTR
TSSOP
74AC74TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC74MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74MTC FAIRCHILD-74AC74MTC Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74MTC FAIRCHILD-74AC74MTC Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74AC74MTC ONSEMI-74AC74MTC Datasheet
114Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
Revised February 2005
logo
Fairchild Semiconductor
74AC74MTCX_NL FAIRCHILD-74AC74MTCX_NL Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74AC74MTCX_NL ONSEMI-74AC74MTCX_NL Datasheet
114Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
Revised February 2005
More results

Similar Description - 74AC74MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74_08 Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHC74 ONSEMI-74VHC74 Datasheet
465Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com