Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC74MTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74AC74MTR
Description  DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC74MTR Datasheet(HTML) 5 Page - STMicroelectronics

  74AC74MTR Datasheet HTML 1Page - STMicroelectronics 74AC74MTR Datasheet HTML 2Page - STMicroelectronics 74AC74MTR Datasheet HTML 3Page - STMicroelectronics 74AC74MTR Datasheet HTML 4Page - STMicroelectronics 74AC74MTR Datasheet HTML 5Page - STMicroelectronics 74AC74MTR Datasheet HTML 6Page - STMicroelectronics 74AC74MTR Datasheet HTML 7Page - STMicroelectronics 74AC74MTR Datasheet HTML 8Page - STMicroelectronics 74AC74MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74AC74
5/12
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 Ω, Input tr =tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/2 (per
Fli p-Flop)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time CK to Q or Q
3.3(*)
7.0
14.0
16.0
17.5
ns
5.0(**)
5.0
10.0
10.5
12.0
tPLH tPHL Propagation Delay
Time PR or CLR to
Qor Q
3.3(*)
6.0
12.0
13.5
14.0
ns
5.0(**)
4.5
9.5
10.5
10.5
tW
Pulse Width HIGH
or LOW, CK or PR
or CLR
3.3(*)
5.0
1.5
7.0
7.0
ns
5.0(**)
4.0
1.5
5.0
5.0
ts
Setup Time D to CK
HIGH or LOW
3.3(*)
4.0
-0.2
4.0
4.0
ns
5.0(**)
3.0
-0.2
3.0
3.0
th
Hold Time D to CK
HIGH or LOW
3.3(*)
2.0
0.2
3.0
3.0
ns
5.0(**)
2.0
0.2
3.0
3.0
tREM
Removal Time
PR or CLR to CK
3.3(*)
1.0
-1.0
1.0
1.0
ns
5.0(**)
1.0
-0.7
1.0
1.0
fMAX
Maximum Clock
Frequency
3.3(*)
100
300
90
90
MHz
5.0(**)
140
300
130
130
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
3
pF
CPD
Power Dissipation
Capacitance
(note 1)
5.0
fIN = 10MHz
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com