Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC4035LSDQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMHC4035LSDQ
Description  40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC4035LSDQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMHC4035LSDQ Datasheet HTML 1Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 2Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 3Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 4Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 5Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 6Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 7Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 8Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DMHC4035LSDQ
Document number: DS37219 Rev. 2 - 2
5 of 9
www.diodes.com
March 2018
© Diodes Incorporated
DMHC4035LSDQ
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
V
= 5V
I = 5A
GS
D
V
=
V
I = 10A
GS
D
10
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
10
100
1000
0
5
10
15
20
25
30
35
40
C
iss
Coss
Crss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
0
2
4
6
8
10
12
14
V
= 20V
I =
A
DS
D
3.9
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100祍
W
T
= 150癈
T = 25癈
J(max)
A
V
= 4.5V
Single Pulse
GS
DUT on 1 * MRP Board
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE (C)
Figure 8 Gate Threshold Variation vs. Junction Temperature
J
V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(t
h
)
0.5
1
1.5
2
2.5
I = 1mA
D
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
I
,
S
O
U
R
C
E
C
U
R
R
E
N
T
(
A
)
S
T = 85°C
A
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
T = 125°C
A
T = 150°C
A
T = 25°C
A
T = -55°C
A
100µs
150°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com