Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC4035LSDQ Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMHC4035LSDQ
Description  40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC4035LSDQ Datasheet(HTML) 6 Page - Diodes Incorporated

  DMHC4035LSDQ Datasheet HTML 1Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 2Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 3Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 4Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 5Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 6Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 7Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 8Page - Diodes Incorporated DMHC4035LSDQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DMHC4035LSDQ
Document number: DS37219 Rev. 2 - 2
6 of 9
www.diodes.com
March 2018
© Diodes Incorporated
DMHC4035LSDQ
Typical Characteristics - P-CHANNEL
-V
, DRAIN -SOURCE VOLTAGE (V)
Figure 13 Typical Output Characteristics
DS
15
0
1
2
3
4
5
12
3
0
9
6
V
= -2.0V
GS
V
= -3.0V
GS
V
= -3.5V
GS
V
= -10V
GS
V
= -5.0V
GS
V
= -2.5V
GS
-I , DRAIN SOURCE CURRENT (A)
Figure 15 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
2
4
6
8
10
12
14
16
18
20
V
= -4.5V
GS
V
= -10V
GS
-V
, GATE-SOURCE VOLTAGE (V)
Figure 16 Typical Transfer Characteristics
GS
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
2
4
6
8
10
12
14
16
18
20
I = -4.2A
D
I = -3.3A
D
-I , DRAIN SOURCE CURRENT (A)
Figure 17 Typical On-Resistance vs.
Drain Current and Temperature
D
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
3
6
9
12
15
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
V
= -4.5V
GS
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 18 On-Resistance Variation with Temperature
0.6
0.8
1
1.2
1.4
1.6
1.8
V
= -5V
I = -5A
GS
D
V
= -10V
I = -10A
GS
D
-V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 14 Typical Transfer Characteristics
-I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
0
3
6
9
12
15
0
1
2
3
4
5
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
V
= -5.0V
DS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com