Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC6070LSD Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMHC6070LSD
Description  60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC6070LSD Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button DMHC6070LSD Datasheet HTML 2Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 3Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 4Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 5Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 6Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 7Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 8Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 9Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DMHC6070LSD
Document number: DS38714 Rev. 1 - 2
7 of 10
www.diodes.com
April 2016
© Diodes Incorporated
DMHC6070LSD
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
V
= -4.5V
GS
I
= -2A
D
V
= -10V
GS
I = -5A
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 18 On-Resistance Variation with Temperature
0
0.1
0.2
0.3
-50
-25
0
25
50
75
100
125
150
V
= -4.5V
GS
I = -2A
D
V
= -10V
GS
I = -5A
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 19 On-Resistance Variation with Temperature
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
I = -1mA
D
I = -250µA
D
T , JUNCTION TEMPERATURE ( C)
J
Figure 20 Gate Threshold Variation vs. Ambient Temperature
0
3
6
9
12
15
0
0.3
0.6
0.9
1.2
1.5
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 21 Diode Forward Voltage vs. Current
10
100
1000
10000
0
5
10
15
20
25
30
Ciss
Coss
Crss
f=1MHz
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 22 Typical Junction Capacitance
0
2
4
6
8
10
0
2
4
6
8
10
V
= -30V
DS
I = -2A
D
Q , TOTAL GATE CHARGE (nC)
g
Figure 23 Gate Charge



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com