Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC6070LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMHC6070LSD
Description  60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC6070LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMHC6070LSD Datasheet HTML 1Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 2Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 3Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 4Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 5Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 6Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 7Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 8Page - Diodes Incorporated DMHC6070LSD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DMHC6070LSD
Document number: DS38714 Rev. 1 - 2
1 of 10
www.diodes.com
April 2016
© Diodes Incorporated
DMHC6070LSD
60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Product Summary
Device
V(BR)DSS
RDS(ON) Max
ID Max
TA = 25°C
N-Channel
60V
100m
Ω @ VGS = 10V
4.1A
120m
Ω @ VGS = 4.5V
3.7A
P-Channel
-60V
170m
Ω @ VGS = -10V
3.1A
250m
Ω @ VGS = -4.5V
2.6A
Description
This new generation complementary MOSFET H-Bridge
features low on-resistance achievable with low gate drive.
Applications
DC Motor Control
DC-AC Inverters
Features
2 x N + 2 x P Channels in a SOIC Package
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMHC6070LSD-13
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
H-Bridge
Internal Schematic
Top View
Pin Configuration
1
4
8
5
HC6070LD
WW
YY
SO-8
= Manufacturer’s Marking
HC6070LD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 16 = 2016)
WW = Week (01 - 53)


Similar Part No. - DMHC6070LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHC10H170SFJ DIODES-DMHC10H170SFJ Datasheet
890Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
May 2022
DMHC10H170SFJ-13 DIODES-DMHC10H170SFJ-13 Datasheet
890Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
May 2022
DMHC10H170SFJ DIODES-DMHC10H170SFJ_15 Datasheet
292Kb / 10P
100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 2
DMHC3025LSD DIODES-DMHC3025LSD Datasheet
373Kb / 9P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 4
DMHC3025LSDQ DIODES-DMHC3025LSDQ Datasheet
349Kb / 9P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 1
More results

Similar Description - DMHC6070LSD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8 ZETEX-ZXMHC10A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
60V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
APRIL 2004
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
MAY 2005
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
JUNE 2005
logo
Unisonic Technologies
2NNPP06 UTC-2NNPP06 Datasheet
221Kb / 6P
60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
DMHC4035LSD DIODES-DMHC4035LSD Datasheet
378Kb / 9P
40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com