Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN10H220LFDF-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN10H220LFDF-7
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H220LFDF-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN10H220LFDF-7 Datasheet HTML 1Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 2Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 3Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 4Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 5Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 6Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN10H220LFDF
Datasheet number: DS42084 Rev. 2 - 2
1 of 7
www.diodes.com
February 2020
© Diodes Incorporated
DMN10H220LFDF
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
100V
225m
Ω @ VGS = 10V
2.2A
290
mΩ @ VGS = 4.5V
1.9A
Description and Applications
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high-efficiency power management applications.
Load Switch
Features and Benefits
100% Unclamped Inductive Switch (UIS) Test in Production
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: U-DFN2020-6
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu over Copper Leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.0065 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Quantity Per Reel
DMN10H220LFDF-7
U-DFN2020-6 (Type F)
3,000
DMN10H220LFDF-13
U-DFN2020-6 (Type F)
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
U-DFN2020-6 (Type F)
Date Code Key
Year
2019
2020
2021
2022
2023
2024
2025
2026
2027
2028
2029
2030
Code
G
H
I
J
K
L
M
N
O
P
R
S
Week
1-26
27-52
53
Code
A-Z
a-z
z
Internal Code
Sun
Mon
Tue
Wed
Thu
Fri
Sat
Code
T
U
V
W
X
Y
Z
e4
U-DFN2020-6 (Type F)
Equivalent Circuit
22 = Product Type Marking Code
YWX = Date Code Marking
Y = Year (ex: 0 = 2020)
W = Week (ex: a = Week 27; z Represents Week 52 and 53)
X = Internal Code (ex: U = Monday)
Bottom View
Top View
Pin Out
Bottom View
D
S
G
Pin1
22


Similar Part No. - DMN10H220LFDF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H220LFVW DIODES-DMN10H220LFVW Datasheet
634Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMN10H220LFVW-13 DIODES-DMN10H220LFVW-13 Datasheet
634Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMN10H220LFVW-7 DIODES-DMN10H220LFVW-7 Datasheet
634Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
More results

Similar Description - DMN10H220LFDF-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
JANUARY 2005
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
SHIKUES Electronics
SK2328N3 SKTECHNOLGY-SK2328N3 Datasheet
1Mb / 6P
100V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL5N10 LEIDITECH-LMTL5N10 Datasheet
6Mb / 5P
100V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com