Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN10H220LFDF-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN10H220LFDF-7
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H220LFDF-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN10H220LFDF-7 Datasheet HTML 1Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 2Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 3Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 4Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 5Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 6Page - Diodes Incorporated DMN10H220LFDF-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN10H220LFDF
Datasheet number: DS42084 Rev. 2 - 2
3 of 7
www.diodes.com
February 2020
© Diodes Incorporated
DMN10H220LFDF
0.0
2.0
4.0
6.0
8.0
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 3.5V
V
GS = 4.0V
V
GS = 4.5V
V
GS = 10.0V
V
GS = 8.0V
V
GS = 6.0V
0
2
4
6
8
1
1.5
2
2.5
3
3.5
4
4.5
5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 10V
TJ = -55℃
TJ = 25℃
TJ = 85℃
TJ = 125℃
TJ = 150℃
0.05
0.1
0.15
0.2
0.25
0.3
1
2
3
4
5
6
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = 10V
V
GS = 4.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
2
4
6
8
10
12
14
16
18
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 6.0A
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
1
2
3
4
5
6
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Junction Temperature
TJ = -55℃
TJ = 25℃
TJ = 85℃
TJ = 150℃
TJ = 125℃
V
GS = 10V
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Junction
Temperature
V
GS = 4.5V, ID = 1A
V
GS = 10V, ID = 2A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com