Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP07040CFG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DXTP07040CFG
Description  40V PNP LOW VCESAT TRANSISTOR IN POWERDI3333-8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP07040CFG Datasheet(HTML) 4 Page - Diodes Incorporated

  DXTP07040CFG Datasheet HTML 1Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 2Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 3Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 4Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 5Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 6Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DXTP07040CFG
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
-65
—
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
-40
-57
—
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.8
—
V
IE = -100µA
Collector Cut-Off Current
ICBO
—
—
-20
nA
VCB = -40V
—
—
-10
µA
VCB = -40V, TA = +125°C
Emitter Cut-Off Current
IEBO
—
—
-20
nA
VEB = -6V
DC Current Transfer Static Ratio (Note 10)
hFE
300
527
800
—
IC = -10mA, VCE = -2V
250
432
—
—
IC = -500mA, VCE = -2V
200
377
—
—
IC = -1A, VCE = -2V
150
273
—
—
IC = -2A, VCE = -2V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
—
-99
-200
mV
IC = -500mA, IB = -5mA
—
-177
-400
mV
IC = -1A, IB = -10mA
—
-200
-500
mV
IC = -2A, IB = -50mA
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
—
-0.8
-1
V
IC = -1A, IB = -10mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)
—
-0.75
0.9
V
IC = -1A, VCE = -2V
Transitional Frequency
fT
100
—
—
MHz
IC = -50mA, VCE = -5V,
f = 50MHz
Output Capacitance
Cobo
—
24
—
pF
VCB = -10V, f = 1MHz
Switching Time
tON
—
35
—
ns
VCC = -10V, IC = -500mA,
IB1 = -IB2 = -50mA
tOFF
—
600
—
ns
Note:
10. Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.
DXTP07040CFG
Datasheet Number: DS41046 Rev. 1 - 2
4 of 7
www.diodes.com
October 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com