Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP07040CFG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DXTP07040CFG
Description  40V PNP LOW VCESAT TRANSISTOR IN POWERDI3333-8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP07040CFG Datasheet(HTML) 1 Page - Diodes Incorporated

  DXTP07040CFG Datasheet HTML 1Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 2Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 3Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 4Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 5Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 6Page - Diodes Incorporated DXTP07040CFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DXTP07040CFG
40V PNP LOW VCESAT TRANSISTOR IN POWERDI3333-8
Features
•
BVCEO > -40V
•
Small Form Factor Thermally Efficient Package.
Enables Higher Density End Products
•
IC = -3A High Continuous Current
•
ICM = -6A Peak Pulse Current
•
Low Saturation Voltage VCE(sat) < -400mV @ -1A
•
Minimum hFE 200 @ IC=-1A
•
Rated to +175°C—Ideal For High Temperature Environment
•
Wettable Flank For Improved Optical Inspection
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: PowerDI®3333-8
•
Case Material: Molded Plastic. “Green” Molding Compound
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish—Matte Tin Solderable per MIL-STD-202,
Method 208
•
Weight: 0.03 grams (Approximate)
Applications
•
High Side Switch
•
Low Drop Out Regulator
•
MOSFET or IGBT Gate Driving
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DXTP07040CFG-7
AEC-Q101
2G5
7
12
2,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
PowerDI3333-8 (SWP) (Type UX)
Top View
Bottom View
E
B
E
E
Pin1
C
C
C
C
Device Symbol
Equivalent Circuit
PowerDI3333-8 (SWP) (Type UX)
2G5= Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 18 = 2018)
WW = Week Code (01 to 53)
2G5
PowerDI is a trademark of Diodes Incorporated.
DXTP07040CFG
Datasheet Number: DS41046 Rev. 1 - 2
1 of 7
www.diodes.com
October 2018
© Diodes Incorporated


Similar Part No. - DXTP07040CFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP07025BFG DIODES-DXTP07025BFG Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07025BFG-7 DIODES-DXTP07025BFG-7 Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07060BFG DIODES-DXTP07060BFG Datasheet
814Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
Rev.1 - 2 October 2018
DXTP07060BFG-7 DIODES-DXTP07060BFG-7 Datasheet
814Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
Rev.1 - 2 October 2018
More results

Similar Description - DXTP07040CFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB772S TSC-TSB772S_07 Datasheet
249Kb / 4P
Low Vcesat PNP Transistor
TSB1424 TSC-TSB1424_07 Datasheet
232Kb / 4P
Low Vcesat PNP Transistor
TSB1132 TSC-TSB1132_1 Datasheet
198Kb / 4P
Low Vcesat PNP Transistor
TSB1184A TSC-TSB1184A_1 Datasheet
314Kb / 4P
Low Vcesat PNP Transistor
TSB772 TSC-TSB772_11 Datasheet
98Kb / 4P
Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412_11 Datasheet
249Kb / 4P
Low Vcesat PNP Transistor
TSB772 TSC-TSB772_13 Datasheet
106Kb / 4P
Low Vcesat PNP Transistor
logo
Diodes Incorporated
DXTP07025BFG DIODES-DXTP07025BFG Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07060BFG DIODES-DXTP07060BFG Datasheet
814Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
Rev.1 - 2 October 2018
DXTP07100BFG DIODES-DXTP07100BFG Datasheet
787Kb / 7P
100V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
Rev.1 - 2 October 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com