Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTP07060BFG-7 Datasheet (PDF) - Diodes Incorporated

DXTP07060BFG-7 Datasheet PDF - Diodes Incorporated
Part # DXTP07060BFG-7
Download  DXTP07060BFG-7 Download
File Size   814.2 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8

DXTP07060BFG-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXTP07060BFG-7 Datasheet PDF - Diodes Incorporated

Part # DXTP07060BFG-7
Download  DXTP07060BFG-7 Click to download

File Size   814.2 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8

DXTP07060BFG-7 Datasheet (HTML) - Diodes Incorporated


DXTP07060BFG-7 Product details

Features
BVCEO > -60V
Small Form Factor Thermally Efficient Package.
Enables Higher Density End Products
IC = -3A High Continuous Current
ICM = -6A Peak Pulse Current
Low Saturation Voltage VCE(SAT) < -250mV @ -1A
Complementary NPN Type: DXTN07060BFG
Rated to +175°C – Ideal For High Temperature Environment
Wettable Flank For Improved Optical Inspection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability

Applications
High Side Switch
MOSFET or IGBT Gate Driver




Similar Part No. - DXTP07060BFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP07025BFG DIODES-DXTP07025BFG Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07025BFG-7 DIODES-DXTP07025BFG-7 Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07040CFG DIODES-DXTP07040CFG Datasheet
728Kb / 7P
40V PNP LOW VCESAT TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07040CFG-7 DIODES-DXTP07040CFG-7 Datasheet
728Kb / 7P
40V PNP LOW VCESAT TRANSISTOR IN POWERDI3333-8
October 2018
More results


Similar Description - DXTP07060BFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT751Q DIODES-FZT751Q Datasheet
265Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 2
FZT751 DIODES-FZT751_15 Datasheet
582Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 9
FZT751Q DIODES-FZT751Q_15 Datasheet
265Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 2
FZT751Q DIODES-FZT751Q_18 Datasheet
578Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR
Rev 3
DXTN07025BFG DIODES-DXTN07025BFG Datasheet
802Kb / 7P
25V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07060BFG DIODES-DXTN07060BFG Datasheet
744Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07100BFG DIODES-DXTN07100BFG Datasheet
879Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTP07025BFG DIODES-DXTP07025BFG Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07040CFG DIODES-DXTP07040CFG Datasheet
728Kb / 7P
40V PNP LOW VCESAT TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07100BFG DIODES-DXTP07100BFG Datasheet
787Kb / 7P
100V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
Rev.1 - 2 October 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com