Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTN07100BFG Datasheet (PDF) - Diodes Incorporated

DXTN07100BFG Datasheet PDF - Diodes Incorporated
Part # DXTN07100BFG
Download  DXTN07100BFG Download
File Size   879.61 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8

DXTN07100BFG Datasheet (PDF)

Go To PDF Page Download Datasheet
DXTN07100BFG Datasheet PDF - Diodes Incorporated

Part # DXTN07100BFG
Download  DXTN07100BFG Click to download

File Size   879.61 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8

DXTN07100BFG Datasheet (HTML) - Diodes Incorporated


DXTN07100BFG Product details

Features
BVCEO > 100V
Small Form Factor Thermally Efficient Package. Enables Higher
Density End Products
IC = 2A High Continuous Current
ICM = 6A Peak Pulse Current
Low Saturation Voltage VCE(SAT) < 250mV @ 1A
Complementary PNP Type: DXTP07100BFG
Rated to +175°C–Ideal for High Temperature Environment
Wettable Flank for Improved Optical Inspection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
Load Switch
Linear Regulator
MOSFET or IGBT Gate Driving




Similar Part No. - DXTN07100BFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTN07100BP5 DIODES-DXTN07100BP5 Datasheet
184Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
DS32023 Rev. 2 - 2
DXTN07100BP5-13 DIODES-DXTN07100BP5-13 Datasheet
184Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
DS32023 Rev. 2 - 2
DXTN07100BP5 DIODES-DXTN07100BP5_15 Datasheet
295Kb / 7P
100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR PowerDI짰5
Rev 3
More results


Similar Description - DXTN07100BFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT653 DIODES-FZT653_15 Datasheet
667Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 5
FZT653 DIODES-FZT653_18 Datasheet
641Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR
Rev 7
FZT653Q DIODES-FZT653Q Datasheet
668Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR
Rev 1
DXTN07025BFG DIODES-DXTN07025BFG Datasheet
802Kb / 7P
25V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07045DFG DIODES-DXTN07045DFG Datasheet
823Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07060BFG DIODES-DXTN07060BFG Datasheet
744Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTP07025BFG DIODES-DXTP07025BFG Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07040CFG DIODES-DXTP07040CFG Datasheet
728Kb / 7P
40V PNP LOW VCESAT TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07060BFG DIODES-DXTP07060BFG Datasheet
814Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
Rev.1 - 2 October 2018
DXTP07100BFG DIODES-DXTP07100BFG Datasheet
787Kb / 7P
100V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
Rev.1 - 2 October 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com