Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTN07045DFG Datasheet (PDF) - Diodes Incorporated

DXTN07045DFG Datasheet PDF - Diodes Incorporated
Part # DXTN07045DFG
Download  DXTN07045DFG Download
File Size   823.69 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN PowerDI3333-8

DXTN07045DFG Datasheet (PDF)

Go To PDF Page Download Datasheet
DXTN07045DFG Datasheet PDF - Diodes Incorporated

Part # DXTN07045DFG
Download  DXTN07045DFG Click to download

File Size   823.69 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN PowerDI3333-8

DXTN07045DFG Datasheet (HTML) - Diodes Incorporated


DXTN07045DFG Product details

Features
BVCEO > 45V
Small Form Factor Thermally Efficient Package. Enables Higher
Density End Products
IC = 3A High Continuous Current
High Gain hFE > 400 @ 1A
Low Saturation Voltage VCE(SAT) < 300mV @ 1A
Rated to +175°C—Ideal for High Temperature Environment
Wettable Flank for Improved Optical Inspection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - DXTN07045DFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTN07025BFG DIODES-DXTN07025BFG Datasheet
802Kb / 7P
25V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07025DBFG-7 DIODES-DXTN07025DBFG-7 Datasheet
802Kb / 7P
25V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07060BFG DIODES-DXTN07060BFG Datasheet
744Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07060BFG-7 DIODES-DXTN07060BFG-7 Datasheet
744Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
More results


Similar Description - DXTN07045DFG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT690BK ZETEX-ZXT690BK Datasheet
222Kb / 6P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT690BK DIODES-ZXT690BK Datasheet
305Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
FCX690BTA DIODES-FCX690BTA Datasheet
578Kb / 7P
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Rev 2
DXT690BP5 DIODES-DXT690BP5_15 Datasheet
250Kb / 7P
45V NPN HIGH GAIN TRANSISTOR IN POWERDI짰5
Rev 3
FCX690B DIODES-FCX690B_15 Datasheet
578Kb / 7P
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Rev 2
ZXT690BK DIODES-ZXT690BK_15 Datasheet
251Kb / 7P
45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
Rev 4
FZT690B DIODES-FZT690B_16 Datasheet
652Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 5
ZXT690BK DIODES-ZXT690BK_17 Datasheet
348Kb / 7P
45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
Rev 5
DXTN07060BFG DIODES-DXTN07060BFG Datasheet
744Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
ZXTN08400BNS DIODES-ZXTN08400BNS Datasheet
641Kb / 7P
400V DUAL NPN MEDIUM POWER TRANSISTORS IN PowerDI3333-8
May 2019 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com