Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTN07025BFG Datasheet (PDF) - Diodes Incorporated

DXTN07025BFG Datasheet PDF - Diodes Incorporated
Part # DXTN07025BFG
Download  DXTN07025BFG Download
File Size   802.39 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8

DXTN07025BFG Datasheet (PDF)

Go To PDF Page Download Datasheet
DXTN07025BFG Datasheet PDF - Diodes Incorporated

Part # DXTN07025BFG
Download  DXTN07025BFG Click to download

File Size   802.39 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8

DXTN07025BFG Datasheet (HTML) - Diodes Incorporated


DXTN07025BFG Product details

Features
BVCEO > 25V
Small Form Factor Thermally Efficient Package.
Enables Higher Density End Products
IC = 3A High Continuous Current
ICM = 8A Peak Pulse Current
Low Saturation Voltage VCE(SAT) < 200mV @ 1A
Complementary PNP Type: DXTP07025BFG
Rated to +175°C – Ideal For High Temperature Environment
Wettable Flank For Improved Optical Inspection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
Load Switch
Linear Regulator




Similar Part No. - DXTN07025BFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTN07045DFG DIODES-DXTN07045DFG Datasheet
823Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07045DFG-7 DIODES-DXTN07045DFG-7 Datasheet
823Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07060BFG DIODES-DXTN07060BFG Datasheet
744Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07060BFG-7 DIODES-DXTN07060BFG-7 Datasheet
744Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
More results


Similar Description - DXTN07025BFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT649TA DIODES-FZT649TA Datasheet
550Kb / 7P
25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 5
FZT749 DIODES-FZT749_15 Datasheet
644Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 6
FZT869 DIODES-FZT869_15 Datasheet
663Kb / 7P
25V NPN HIGH CURRENT TRANSISTOR IN SOT223
Rev 3
FZT649 DIODES-FZT649_15 Datasheet
500Kb / 7P
25V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 6
DXTN07045DFG DIODES-DXTN07045DFG Datasheet
823Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07060BFG DIODES-DXTN07060BFG Datasheet
744Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTN07100BFG DIODES-DXTN07100BFG Datasheet
879Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
October 2018
DXTP07025BFG DIODES-DXTP07025BFG Datasheet
724Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
October 2018
DXTP07060BFG DIODES-DXTP07060BFG Datasheet
814Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN PowerDI3333-8
Rev.1 - 2 October 2018
DXTP07100BFG DIODES-DXTP07100BFG Datasheet
787Kb / 7P
100V PNP HIGH PERFORMANCE TRANSISTOR IN POWERDI3333-8
Rev.1 - 2 October 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com