Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT690BK Datasheet (PDF) - Diodes Incorporated

ZXT690BK Datasheet PDF - Diodes Incorporated
Part # ZXT690BK
Download  ZXT690BK Download
File Size   305.95 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR

ZXT690BK Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT690BK Datasheet PDF - Diodes Incorporated

Part # ZXT690BK
Download  ZXT690BK Click to download

File Size   305.95 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR

ZXT690BK Datasheet (HTML) - Diodes Incorporated


ZXT690BK Product details

Features
• BVCEO > 45V
• IC = 3A High Continuous Collector Current
• ICM = 6A Peak Pulse Current
• High Gain Device >400 @1A
• RCE(SAT) = 77mΩ for Low Equivalent On-Resistance
• hFE Specified Up to 6A for a High Gain Hold Up
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)

Applications
• DC-DC Converters
• Power Switches
• IGBT & MOSFET Gate Drivers
• Motor Control
• Automotive Circuits
• Siren Drivers




Similar Part No. - ZXT690BK

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT690BK ZETEX-ZXT690BK Datasheet
222Kb / 6P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT690BK DIODES-ZXT690BK Datasheet
348Kb / 7P
45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
Rev 5
logo
Inchange Semiconductor ...
ZXT690BK ISC-ZXT690BK Datasheet
316Kb / 2P
isc Silicon NPN Power Transistor
logo
Diodes Incorporated
ZXT690BKQTC DIODES-ZXT690BKQTC Datasheet
348Kb / 7P
45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
Rev 5
logo
Zetex Semiconductors
ZXT690BKTC ZETEX-ZXT690BKTC Datasheet
222Kb / 6P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
More results


Similar Description - ZXT690BK

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT690BK ZETEX-ZXT690BK Datasheet
222Kb / 6P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
ZXTN07045EFF ZETEX-ZXTN07045EFF Datasheet
452Kb / 8P
45V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
DXT690BP5 DIODES-DXT690BP5 Datasheet
146Kb / 7P
45V NPN HIGH GAIN TRANSISTOR PowerDI짰5
DS31801 Rev. 2 - 2
ZXTN07045EFF DIODES-ZXTN07045EFF Datasheet
323Kb / 8P
45V, SOT23F, NPN high gain power transistor
JUNE 2007
FCX690BTA DIODES-FCX690BTA Datasheet
578Kb / 7P
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Rev 2
FCX690B DIODES-FCX690B_15 Datasheet
578Kb / 7P
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Rev 2
ZXT690BK DIODES-ZXT690BK_15 Datasheet
251Kb / 7P
45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
Rev 4
FZT690B DIODES-FZT690B_16 Datasheet
652Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 5
ZXT690BK DIODES-ZXT690BK_17 Datasheet
348Kb / 7P
45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
Rev 5
DXTN07045DFG DIODES-DXTN07045DFG Datasheet
823Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN PowerDI3333-8
October 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com