Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT690BP5 Datasheet (PDF) - Diodes Incorporated

DXT690BP5 Datasheet PDF - Diodes Incorporated
Part # DXT690BP5
Download  DXT690BP5 Download
File Size   146.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN HIGH GAIN TRANSISTOR PowerDI짰5

DXT690BP5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT690BP5 Datasheet PDF - Diodes Incorporated

Part # DXT690BP5
Download  DXT690BP5 Click to download

File Size   146.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN HIGH GAIN TRANSISTOR PowerDI짰5

DXT690BP5 Datasheet (HTML) - Diodes Incorporated


DXT690BP5 Product details

Features
• BVCEO > 45V
• IC = 3A High Continuous Collector Current
• ICM = 6A Peak Collector Current
• High gain device >400 @1A
• RCE(sat) = 77mΩ for low equivalent On-Resistance
• hFE specified up to 6A for a high gain hold up
• 43% smaller than SOT223; 60% smaller than TO252
• Maximum height just 1.1mm
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• LED driver
• Motor driver
• Power Switches
• DC-DC Converters
• IGBT & MOSFET Gate Drivers
• Automotive Circuits




Similar Part No. - DXT690BP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT690BP5 DIODES-DXT690BP5_15 Datasheet
250Kb / 7P
45V NPN HIGH GAIN TRANSISTOR IN POWERDI짰5
Rev 3
More results


Similar Description - DXT690BP5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN07045EFF ZETEX-ZXTN07045EFF Datasheet
452Kb / 8P
45V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
DXT790AP5 DIODES-DXT790AP5 Datasheet
116Kb / 7P
40V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS31800 Rev. 2 - 2
DXTP19020DP5 DIODES-DXTP19020DP5 Datasheet
143Kb / 5P
20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS32012 Rev. 3 - 2
ZXT690BK DIODES-ZXT690BK Datasheet
305Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
ZXTN07045EFF DIODES-ZXTN07045EFF Datasheet
323Kb / 8P
45V, SOT23F, NPN high gain power transistor
JUNE 2007
FCX690BTA DIODES-FCX690BTA Datasheet
578Kb / 7P
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Rev 2
DXT690BP5 DIODES-DXT690BP5_15 Datasheet
250Kb / 7P
45V NPN HIGH GAIN TRANSISTOR IN POWERDI짰5
Rev 3
ZXT690BK DIODES-ZXT690BK_15 Datasheet
251Kb / 7P
45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
Rev 4
FZT690B DIODES-FZT690B_16 Datasheet
652Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 5
ZXT690BK DIODES-ZXT690BK_17 Datasheet
348Kb / 7P
45V NPN HIGH GAIN MEDIUM POWER TRANSISTOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com