Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT790AP5 Datasheet (PDF) - Diodes Incorporated

DXT790AP5 Datasheet PDF - Diodes Incorporated
Part # DXT790AP5
Download  DXT790AP5 Download
File Size   116.44 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP HIGH GAIN TRANSISTOR PowerDI짰5

DXT790AP5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT790AP5 Datasheet PDF - Diodes Incorporated

Part # DXT790AP5
Download  DXT790AP5 Click to download

File Size   116.44 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP HIGH GAIN TRANSISTOR PowerDI짰5

DXT790AP5 Datasheet (HTML) - Diodes Incorporated


DXT790AP5 Product details

Features
• BVCEO > -40V
• IC = -3A high Continuous Collector Current
• ICM = -6A Peak Pulse Current
• 43% smaller than SOT223; 60% smaller than TO252
• Maximum Height Just 1.1mm
• Rated up to 3.2W
• Low Saturation, High Gain Transistor,
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - DXT790AP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT790AP5 DIODES-DXT790AP5_15 Datasheet
140Kb / 7P
40V PNP HIGH GAIN TRANSISTOR POWERDI짰
Rev 3
More results


Similar Description - DXT790AP5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT690BP5 DIODES-DXT690BP5 Datasheet
146Kb / 7P
45V NPN HIGH GAIN TRANSISTOR PowerDI짰5
DS31801 Rev. 2 - 2
DXTP19020DP5 DIODES-DXTP19020DP5 Datasheet
143Kb / 5P
20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS32012 Rev. 3 - 2
DXTP03200BP5 DIODES-DXTP03200BP5 Datasheet
148Kb / 7P
200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32068 Rev. 2 - 2
ZXTP2009Z DIODES-ZXTP2009Z Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
JUNE 2005
DXTP03200BP5 DIODES-DXTP03200BP5_15 Datasheet
148Kb / 7P
200V PNP HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 2
DXTP19020DP5 DIODES-DXTP19020DP5_15 Datasheet
143Kb / 5P
20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
Rev 3
DXT690BP5 DIODES-DXT690BP5_15 Datasheet
250Kb / 7P
45V NPN HIGH GAIN TRANSISTOR IN POWERDI짰5
Rev 3
DXT790AP5 DIODES-DXT790AP5_15 Datasheet
140Kb / 7P
40V PNP HIGH GAIN TRANSISTOR POWERDI짰
Rev 3
DXTP560BP5 DIODES-DXTP560BP5_15 Datasheet
169Kb / 7P
500V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR POWERDI짰5
Rev 1
ZXT790AK DIODES-ZXT790AK_16 Datasheet
562Kb / 7P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com