Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS75232SS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GS75232SS
Description  Multiple RS-232 Drivers & Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS75232SS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GS75232SS Datasheet HTML 1Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 2Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 3Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 4Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 5Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 6Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 7Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 8Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
GS75232
Globaltech Semiconductor
www.globaltechsemi.com
3
GS75232
Electrical Characteristics
Supply Current (VCC = 5V, TA = 25 OC)
Symbol Parameter
Test Condition
Min
Max
Unit
ICC+
Supply Current
VCC+ = 9 V
VIN = 1.9V
15
mA
from VCC+
No Load
VIN = 0.8V
-
4.5
VCC+ = 12 V
VIN = 1.9V
19
No Load
VIN = 0.8V
-
5.5
VCC+ = 15 V
VIN = 1.9V
25
No Load
VIN = 0.8V
-
9
ICC-
Supply Current
VCC- = -9 V
VIN = 1.9V
-15
mA
from VCC-
No Load
VIN = 0.8V
-
-3.2
VCC- = -12 V
VIN = 1.9V
-19
No Load
VIN = 0.8V
-
-3.2
VCC- = -15 V
VIN = 1.9V
-25
No Load
VIN = 0.8V
-
-3.2
ICC
Supply Current
mA
from VCC
VCC = 5 V
VIN = 5.0V
-
30
Receiver Section
Symbol
Parameter
Test Conditions
Min
Max
Unit
Positive-Going
VT+
Threshold Voltage
1.75
2.25
V
Negative-Going
VT-
Threshold Voltage
0.75
1.25
V
VI= 0.75V,
IOL=-0.5mA
2.6
5
Input Open,
VOH
High Level Output
Voltage
IOL = -0.5 mA
2.6
5
V
VOL
Low Level Output Voltage VI= 3V, IOL = 10 mA
-
0.45
V
VI= 25V
3.6
8.3
IIH
High-Level Input Current
VI= 3V
0.43
-
mA
VI= -25V
-3.6
-8.3
IIL
Low-Level Input Current
VI= -3V
-0.43
-
mA
Short-Circuit
-3
IOS
Output Current
(tip)
mA
Receiver Switching Characteristic (VCC= 5V)
Symbol
Parameter
Test Conditions
Min
Max
Unit
tPLH
Propagation Delay Time,
Low-To-High-Level Output
CL = 15 ρF
RL = 3.9 kΩ
-
150
ns
tPHL
Propagation Delay Time,
High -To- Low -Level Output
CL = 15 ρF
RL = 390 kΩ
-
50
ns
tTLH
Transition Time,
Low-To-High-Level Output
CL = 15 ρF
RL = 3.9 kΩ
-
175
ns
tTHL
Transition Time,
High -To- Low -Level Output
CL = 15 ρF
RL = 390 kΩ
-
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com