Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS75232SS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS75232SS
Description  Multiple RS-232 Drivers & Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS75232SS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS75232SS Datasheet HTML 1Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 2Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 3Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 4Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 5Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 6Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 7Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 8Page - List of Unclassifed Manufacturers GS75232SS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.globaltechsemi.com
1
GS75232
GS75232
Multiple RS-232 Drivers & Receivers
Product Description
The GS75232 are monolithic device containing 3 independent drives and 5
receivers. These are designed to interface between date terminal equipment and
date communication equipment as designed by EIA-232-D.
Features
n
Meets standard EIA-232-D (Revision of RS-232-C)
n
Drivers
- Current Limited Output : 10 mA Typical
- Power-off Output Impedance : 300
Ω Min
- Slew Rate Control by Load Capacitor
- Flexible Supply Voltage Range
- Input Compatible with Most TTL and DTL Circuits
n
Receivers
- Input Resistance : 3 k
Ω to 7 kΩ
- Input Signal Range :
± 30 V
- Built-in Input Hysteresis (Double Threshold)
VCC+
VCC
VCC -
GND
RA1
RY1
RA2
RA3
RY2
RY3
DY1
DY2
DA1
DA2
RA4
RY4
RA5
RY5
DY3
DA3
GS75232
Pin Description
Name
Pin No
Function
Name
Pin No
Function
VCC+
1
Driver Section Supply +
VCC-
10
Driver Section Supply -
DA1
16
DY1
5
DA2
15
DY2
6
Driver Output
DA3
13
Driver Input
DY3
8
VCC
20
Receiver Section Supply
GND
11
Ground
RA1
2
RY1
19
RA2
3
RY2
18
RA3
4
Receiver Input
RY3
17
Receiver Output
RA4
7
RY4
14
RA5
9
RY5
12


Similar Part No. - GS75232SS

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
GS75 ICE-GS75 Datasheet
136Kb / 3P
Surface Mount Power Inductors
GS75 ICE-GS75 Datasheet
783Kb / 3P
Surface Mount Power Inductors
GS75-100 ICE-GS75-100 Datasheet
136Kb / 3P
Surface Mount Power Inductors
GS75-100 ICE-GS75-100 Datasheet
783Kb / 3P
Surface Mount Power Inductors
GS75-101 ICE-GS75-101 Datasheet
136Kb / 3P
Surface Mount Power Inductors
More results

Similar Description - GS75232SS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185 Datasheet
172Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
List of Unclassifed Man...
M5232P ETC1-M5232P Datasheet
24Kb / 2P
Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com