Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EWSSB Datasheet(PDF) 1 Page - EnOcean GmbH.

Part # EWSSB
Description  Easyfit Bluetooth® Single / Double Rocker Wall Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

EWSSB Datasheet(HTML) 1 Page - EnOcean GmbH.

  EWSSB Datasheet HTML 1Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
© EnOcean | www.enocean.com
Subject to modifications | January 2018
Easyfit Bluetooth®
Single / Double Rocker Wall
Switch EWSSB / EWSDB
Easyfit Bluetooth® Single / Double Rocker
Wall
Switch
(EWSSB
/
EWSDB)
are
universal
energy
harvesting
wireless
switches in the European 55 x 55 form
factor.
EWSSB and EWSDB are transmitting the
button status based on the 2.4 GHz
Bluetooth Low Energy (BLE) radio standard.
EWSSB and EWSDB are based on the
maintenance free, self-powered Bluetooth
Low Energy (BLE) pushbutton transmitter
module PTM 215B.
The PTM 215B module within EWSSB and EWSDB
contains an electro-dynamic energy transducer
which is actuated by the rocker movement.
Whenever a rocker is pushed down or released,
electrical energy is created and a set of BLE
advertising frames is transmitted identifying the
rocker status (pushed or released).
„Long“ or „Short“ rocker press (the time between
pushing and releasing the rocker) can be
calculated
by
the
receiver.
This
enables
switching, dimming control or jalousie control
including slat action.
The enclosed switch frame can be replaced by
frames of the following design programs:
Manufacturer Product Program
BERKER
S.1, B.1, B.3, B.7 Glas
GIRA
Standard 55, E2, E3, Event,
Esprit, ClassiX
Jäger Direkt
Opus 55 Inform, Opus 55
Kubus, Opus 55 Fusion
JUNG
AS 500, A 500, A plus,
A creation, A creation Glas
MERTEN
1-M, M-Smart, M-Arc, M-Plan,
M-Creativ, M-Pure
Ordering Information
TYPE
Single Wall Switch EWSSB
Double Wall Switch EWSDB
ORDERING CODE
E8221-A270
E8221-A280
Feature Overview
Radio Transmitter
PTM 215B pushbutton module with integrated antenna
Energy Source
Electro-dynamic energy generator, maintenance free
Frequency / Protocol
2.4 GHz / Bluetooth Low Energy (BLE)
Range
Within one room (up to 10 m line of sight)
Channels
2 or 4 (single or double rocker with medial position, pressed/released)
Dimensions of Rocker
50 x 50 mm
Dimensions of Frame Insert
55 x 55 mm
Dimensions of Central Plate 71 x 71 mm
Dimensions of Frame
81 x 81 mm
Total Installation Height
14 mm (frame lies directly against the wall)
Mounting
Gluing (double-sided mounting film enclosed),
Screwing onto flat surface
Operating conditions
Temperature: -25 … +65°C
Humidity:
0 … 95% r.h., non-condensing (dry environment only)
Lifetime
> 50.000 actuations (switching cycles) according to EN 60669 /
VDE 0632
Approvals
RED, FCC, ISED, ACMA
Packaging
Each unit packed in a bag, 10 units packed in a card box


Similar Part No. - EWSSB

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
EWSSZ ENOCEAN-EWSSZ Datasheet
202Kb / 1P
Batteryless Wall Switches for ZigBee
October 2019
EWSSZG ENOCEAN-EWSSZG Datasheet
202Kb / 1P
Batteryless Wall Switches for ZigBee
October 2019
More results

Similar Description - EWSSB

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CRE22F2BBALE CHERRY-CRE22F2BBALE Datasheet
246Kb / 2P
Rocker Switch Single Pole
KDH3ANA1BBB CHERRY-KDH3ANA1BBB Datasheet
311Kb / 2P
Sealed Rocker Switch Double Pole
KGC2ANB1BBD CHERRY-KGC2ANB1BBD Datasheet
275Kb / 2P
Sealed Rocker Switch Single and Double Pole
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
Sealed Rocker Switch Single and Double Pole
KSF2ANB1BBD CHERRY-KSF2ANB1BBD Datasheet
312Kb / 2P
Sealed Rocker Switch Single (and Double)1 Pole
PRK22J5BBBNN CHERRY-PRK22J5BBBNN Datasheet
240Kb / 2P
Rocker Switch Single Pole
RRA22H3BBBNN CHERRY-RRA22H3BBBNN Datasheet
330Kb / 2P
Rocker Switch Single and Double Pole
logo
ZF Friedrichshafen AG
LRA22H2FBBNN ZFSWITCHES-LRA22H2FBBNN Datasheet
653Kb / 2P
Double-Pole Rocker Switch
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
logo
EnOcean GmbH.
ESRPB ENOCEAN-ESRPB Datasheet
74Kb / 1P
Easyfit Bluetooth® Single / Double Rocker Pad
January 2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com