Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDDU Datasheet(PDF) 1 Page - EnOcean GmbH.

Part # LEDDU
Description  LED Controller 0-10V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

LEDDU Datasheet(HTML) 1 Page - EnOcean GmbH.

  LEDDU Datasheet HTML 1Page - EnOcean GmbH. LEDDU Datasheet HTML 2Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Controller 0-10V
• Interoperable. Communicates wirelessly with other
devices using the EnOcean wireless standard.
• Enables wireless dimming of LED fixtures.
• Supports daylight harvesting scenarios, occupancy
control and manual dimming with input from self-powered
wireless switches and sensors. Implements load shedding
initiated by separate Demand Response controllers.
• Compact size enables flexible installation inside or next to
electrical boxes and fixtures.
• Commission your LED lighting with EnOcean's intuitive, easy-
to-use wireless ReComm software to link devices and set
parameters (e.g. timeouts, ramp speeds) from a laptop com-
puter. Manual push buttons may also be used for linking and
simple commissioning.
• Two molded buttons and one LED indicator light can be used to
configure or manually control the device.
A simple solution for wireless control and daylight harvesting.
The LED controller uses wireless technology to communicate with other self-powered EnOcean-based
products and provides an amazingly simple solution for dimming control of LED lighting. It is directly
supplied from the auxiliary 12V supply output of a connected LED driver. The compact size enables
flexible installation inside of or next to electrical boxes and fixtures so it can be easily wired out of sight
using standard wiring practices. Simply link the module to an EnOcean-based motion sensor, light
sensor, switch or rocker pad and experience levels of efficiency and convenience that can only be
achieved through wireless controls. It is also possible to link the LED controller to a central controller or
via a gateway to building automation systems like BACnet.
Features & Benefits
0-10V
GND
12V
To LED
driver
From LED
driver


Similar Part No. - LEDDU

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-A GAPTEC-LEDD10-24-A Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-P GAPTEC-LEDD10-24-P Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
More results

Similar Description - LEDDU

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SWG50210 CELDUC-SWG50210 Datasheet
246Kb / 3P
ONE PHASE CONTROLLER WITH PROPORTIONAL CONTROL 0 - 10V
logo
LinkCom Manufacturing C...
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
0-10V Dimmable
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
0-10V Dimmable
60W-DBFE LINKCOM-60W-DBFE Datasheet
472Kb / 5P
0-10V Dimmable
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
0-10V Dimmable
logo
Bright Power Semiconduc...
BP5001 BPS-BP5001 Datasheet
240Kb / 2P
0/1~10V, Resistor Dimming Interface Controller
logo
EnOcean GmbH.
LEDRU-W-AU ENOCEAN-LEDRU-W-AU Datasheet
3Mb / 2P
LED Relay Zone Controller 0-10V with Auxiliary Wired Occupancy
V1.5
LEDRU-W-EO ENOCEAN-LEDRU-W-EO Datasheet
3Mb / 2P
LED Relay Zone Controller 0-10V
V1.5
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com