Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDR Datasheet(PDF) 1 Page - EnOcean GmbH.

Part # LEDR
Description  LED Relay Zone Controller 0-10V with Auxiliary Wired Occupancy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

LEDR Datasheet(HTML) 1 Page - EnOcean GmbH.

  LEDR Datasheet HTML 1Page - EnOcean GmbH. LEDR Datasheet HTML 2Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Relay Zone Controller 0-10V
with Auxiliary Wired Occupancy
• Interoperable. Communicates wirelessly with other
devices using the EnOcean wireless standard.
• Enables wireless dimming of a single fixture or a zone of
multiple daisy chained LED fixtures (e.g. 20 each 30W or 10 each 60W).
• Supports CaliforniaTitle 24 daylight harvesting scenarios, occupancy
control and manual dimming with input from self-powered wireless
switches and sensors. Implements load shedding initiated by separate
demand response controllers.
• Compact size enables flexible installation inside or next to
electrical boxes and fixtures.
• Electric surge protection exceeds IEC61000-4-5 installation
class 4.
• Commission your LED lighting with EnOcean's intuitive,
easy-to-use wireless Navigan™ software to link devices and
set parameters (e.g. timeouts, ramp speeds) from a laptop
computer. Manual push buttons may also be used for
linking and simple commissioning.
• Interface for wired external Occupancy sensor -
12 V DC Auxiliary and Sensor I/O
A simple solution for wireless control and daylight harvesting.
The LED relay zone controller uses wireless technology to communicate with other self-powered EnOcean-
based products and provides an amazingly simple solution for dimming control of LED lighting. The compact
size enables flexible installation inside of or next to electrical boxes and fixtures so it can be easily wired out of
sight using standard wiring practices. Simply link the module to an EnOcean-based motion sensor, light level
sensor, switch or rocker pad and experience levels of efficiency and convenience that can only be achieved
through wireless controls. It is also possible to link the LED controller to a central controller or via a gateway to
building automation systems like BACnet.
Features & Benefits
LEDR
LEDRU-W-AU
0-10V
Common
Relay load
12 V DC out
Sensor I/O
© EnOcean


Similar Part No. - LEDR

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDRA62X62M BANNER-LEDRA62X62M Datasheet
403Kb / 2P
A62X62M Series Area Lights
LEDRA62X62W BANNER-LEDRA62X62W Datasheet
407Kb / 2P
A62X62W Series Area Lights
LEDRA70AD5-XQ BANNER-LEDRA70AD5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDRA70AG5-XQ BANNER-LEDRA70AG5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
More results

Similar Description - LEDR

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SWG50210 CELDUC-SWG50210 Datasheet
246Kb / 3P
ONE PHASE CONTROLLER WITH PROPORTIONAL CONTROL 0 - 10V
logo
LinkCom Manufacturing C...
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
0-10V Dimmable
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
0-10V Dimmable
logo
SynQor Worldwide Headqu...
MPFC-U-390-HP SYNQOR-MPFC-U-390-HP Datasheet
6Mb / 18P
Auxiliary 10V bias supply
MPFC-U-390-QP SYNQOR-MPFC-U-390-QP Datasheet
6Mb / 16P
Auxiliary 10V bias supply
logo
Bright Power Semiconduc...
BP5001 BPS-BP5001 Datasheet
240Kb / 2P
0/1~10V, Resistor Dimming Interface Controller
logo
LinkCom Manufacturing C...
DAL000N802AON0-00G LINKCOM-DAL000N802AON0-00G Datasheet
193Kb / 2P
DALI 0-10V Relay Driver
TRI030U212CAN0 LINKCOM-TRI030U212CAN0 Datasheet
496Kb / 4P
LED Power Supply With TRIAC and 0-10V Dimming
logo
EnOcean GmbH.
LEDDU ENOCEAN-LEDDU Datasheet
3Mb / 2P
LED Controller 0-10V
V1.2
LEDRU-W-EO ENOCEAN-LEDRU-W-EO Datasheet
3Mb / 2P
LED Relay Zone Controller 0-10V
V1.5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com