Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDR Datasheet(PDF) 2 Page - EnOcean GmbH.

Part # LEDR
Description  LED Relay Zone Controller 0-10V with Auxiliary Wired Occupancy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

LEDR Datasheet(HTML) 2 Page - EnOcean GmbH.

  LEDR Datasheet HTML 1Page - EnOcean GmbH. LEDR Datasheet HTML 2Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The LED relay zone controller can
be used in conjunction with
EnOcean-enabled rocker pads,
light sensors and occupancy
detection devices to provide
wireless dimming of LED fixtures.
It utilizes standard line voltage
wiring and can be conveniently
installed within a standard electri-
cal box or mounted to a fixture or
box using the threaded connector.
Typical Applications
Enjoy unlimited flexibility and perfor-
mance with EnOcean-enabled energy
harvesting wireless solutions.
Systems that employ this wireless
device benefit from limitless supplies
of energy and unrivaled flexibility.
Energy Harvesting Wireless
1 International Wireless Standard
400 EnOcean Alliance Members
1000 Interoperable Products
www.enocean-alliance.org
Item Number
Item Description
Color
LEDRU-W-AU
LED Relay Zone Controller, 902MHz
with Auxiliary Wired Occupancy
White
Ordering information
Specifications (typ. values)
Power Supply
120/277VAC, 60Hz
Inputs/Outputs
RF Communications
EnOcean 902 MHz
Transmission Range
100ft. (30m)
Dimensions
Mounting
• Install inside standard electrical box
• Connect to electrical boxes and fixtures
using threaded nipple
Agency Compliance
UL: UL 2043, UL 1472, CSA C22.2 No. 184.1-96,
UL 244A
FCC: 902 MHz Contains: FCC: SZV-STM300U
LED Relay Zone Controller 0-10V
with Auxiliary Wired Occupancy
Environment
Weight
Flying-lead style wires:
• 2 power input wires
• 1 switched output wire
• 0-10V control output
• 12V DC external occupancy sensor inferface
(25mA load max) and I/O
2.78” H x 1.65” W x 1.1” D
(73mm x 42mm x 28mm)
3.2oz. (90g)
• Indoor use only
• 32° to 140° F (0° to 60° C)
• 20% to 85% relative humidity
(non-condensing)
Maximum Load
General Purpose: 16A @ 120/277VAC
Resistive: 16A @ 120/277VAC
Tungsten: 960W @ 120VAC
Ballast/ LED Driver: 600W @ 120VAC
Surge Protection
Exceeding IEC61000-4-5 installation class 4
Status reporting EEP
(Outbound EnOcean
Equipment Profile)
Interoperable Products /
EEPs (EnOcean
Equipment Profiles)
D2-40-00 (default)
A5-11-01 (alternate)
A5-38-08 (Master / Gateway)
Rocker Pad Switch (F6-02-02)
Occupancy Sensor (A5-07-01)
Occupancy Sensor (A5-07-02)
Occupancy Sensor (A5-07-03)
Light Level Sensor ((A5-06-02)
Light Level Sensor (A6-06-03)
Central Controller (A5-38-08)
Demand Response (A5-37-01)
V1.5
1.1W full load, 550mW quiescent
Power Consumption
Current sinking 35mA / sourcing 4mA
Tolerances +%/-4% (1-10V Range)
For high sinking current and dim values below 1V, the output
voltage may exceed the selected output value and reach 1V max.
0-10V output
Local User Interface
2 Buttons, 1 bi color LED for device configuration &
manual control



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com